Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG PEB2256HT Datasheet HTML 71Page - Infineon Technologies AG PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG PEB2256HT Datasheet HTML 75Page - Infineon Technologies AG PEB2256HT Datasheet HTML 76Page - Infineon Technologies AG PEB2256HT Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
73
2002-08-27
4.1.14
Receive Signaling Controller (E1)
The signaling controller can be programmed to operate in various signaling modes. The
FALC56 performs the following signaling and data link methods.
4.1.14.1
HDLC or LAPD access
The FALC56 offers three independent HDLC channels. All of them provide the following
features:
• 64 byte receive FIFO for each channel
• 64 byte transmit FIFO for each channel
• transmission in one of 31 time slots
(time slot number programmable for each channel individually)
• transmission in even frames only, odd frames only or both
(programmable for each channel individually)
• bit positions to be used in selected time slots are maskable
(any bit position can be enabled for each channel individually)
• HDLC or transparent mode
• flag detection
• CRC checking
• bit-stuffing
• flexible address recognition (1 byte, 2 bytes)
• C/R-bit processing (according to LAPD protocol)
In addition to this, HDLC channel 1 provides:
• SS7 support
• BOM (bit oriented message) support
• use of time slot 0 (up to 32 time slots)
•use of S
a-bits
• flexibility to insert and extract data during certain time slots, any combination of time
slots can be programmed independently for the receive and transmit direction
In case of common channel signaling the signaling procedure HDLC/SDLC or LAPD
according to Q.921 is supported. The signaling controller of the FALC56 performs the
flag detection, CRC checking, address comparison and zero-bit removing. The received
data flow and the address recognition features can be performed in very flexible way, to
satisfy almost any practical requirements. Depending on the selected address mode, the
FALC56 performs a 1 or 2-byte address recognition. If a 2-byte address field is selected,
the high address byte is compared with the fixed value FEH or FCH (group address) as
well as with two individually programmable values in RAH1 and RAH2 registers.
According to the ISDN LAPD protocol, bit 1 of the high byte address is interpreted as
command/response bit (C/R) and is excluded from the address comparison. Buffering of
receive data is done in a 64 byte deep RFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com