Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG PEB2256HT Datasheet HTML 82Page - Infineon Technologies AG PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG PEB2256HT Datasheet HTML 88Page - Infineon Technologies AG PEB2256HT Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
85
2002-08-27
In doubleframe asynchronous state, counting of framing errors, CRC4 bit errors and
detection of remote alarm is stopped. AIS is automatically sent to the backplane interface
(can be disabled by bit FMR2.DAIS). Further on the updating of the registers RSW, RSP,
RSA(8:4), RSA6S and RS(16:1) is halted (remote alarm indication, S
a/Si-bit access).
The multiframe synchronous state is established after detecting two correct multiframe
alignment signals at an interval of n
× 2 ms (n = 1, 2, 3 …). The loss of multiframe
alignment flag FRS0.LMFA is reset. Additionally an interrupt status multiframe alignment
recovery bit ISR2.MFAR is generated with the falling edge of bit FRS0.LMFA.
4.2.3.2
Automatic Force Resynchronization (E1)
In addition, a search for Doubleframe alignment is automatically initiated if two
multiframe pattern with a distance of n
× 2 ms have not been found within a time interval
of 8 ms after doubleframe alignment has been regained (bit FMR1.AFR). A new search
for frame alignment is started just after the previous frame alignment signal.
4.2.3.3
Floating Multiframe Alignment Window (E1)
After reaching doubleframe synchronization a 8 ms timer is started. If a multiframe
alignment signal is found during the 8 ms time interval the internal timer is reset to
remaining 6 ms in order to find the next multiframe signal within this time. If the
multiframe signal is not found for a second time, the interrupt status bit ISR0.T8MS is
set. This interrupt usually occurs every 8 ms until multiframe synchronization is
achieved.
4.2.3.4
CRC4 Performance Monitoring (E1)
In the synchronous state checking of multiframe pattern is disabled. However, with bit
FMR2.ALMF an automatic multiframe resynchronization mode can be activated. If 915
out of 1000 errored CRC submultiframes are found then a false frame alignment is
assumed and a search for doubleframe and multiframe pattern is initiated. The new
search for frame alignment is started just after the previous basic frame alignment signal.
The internal CRC4 resynchronization counter is reset when the multiframe
synchronization has been regained.
4.2.3.5
Modified CRC4 Multiframe Alignment Algorithm (E1)
The modified CRC4 multiframe alignment algorithm allows an automatic interworking
between framers with and without a CRC4 capability. The interworking is realized as it
is described in ITU-T G.706 Appendix B.
If doubleframe synchronization is consistently present but CRC4 multiframe alignment is
not achieved within 400 ms it is assumed that the distant end is initialized to doubleframe
format. The CRC4/non-CRC4 interworking is enabled by FMR2.RFS1/0 = 11 and is
activated only if the receiver has lost its synchronization. If doubleframe alignment (basic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com