Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 34Page - Infineon Technologies AG PEB2256HT Datasheet HTML 35Page - Infineon Technologies AG PEB2256HT Datasheet HTML 36Page - Infineon Technologies AG PEB2256HT Datasheet HTML 37Page - Infineon Technologies AG PEB2256HT Datasheet HTML 38Page - Infineon Technologies AG PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG PEB2256HT Datasheet HTML 40Page - Infineon Technologies AG PEB2256HT Datasheet HTML 41Page - Infineon Technologies AG PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
38
2002-08-27
75
A3
RCLK
O + PU
Receive Clock
After reset this port is configured to be
internally pulled up weakly. Setting of bit
PC5.CRP switches this port to be an active
output.
CMR1.RS(1:0) = 00:
Receive clock extracted from the incoming
data pulses. The clock frequency is 2.048 MHz
(E1) or 1.544 MHz (T1/J1). In case of Loss-Of-
Signal (LOS) the RCLK is derived from the
clock that is provided on MCLK.
CMR1.RS(1:0) = 01:
Receive clock extracted from the incoming
data pulses. The clock frequency is 2.048 MHz
(E1) or 1.544 MHz (T1/J1). RCLK remains high
in case of LOS (indicated by FRS0.LOS = 1).
CMR1.RS(1:0) = 10:
Dejittered clock generated by the internal
DCO-R circuit. The clock frequency is
2.048 MHz (E1 or T1/J1 and SIC2.SSC2 = 0)
or 1.544 MHz (T1/J1 and SIC2.SSC2 = 1).
CMR1.RS(1:0) = 11:
Dejittered clock generated by the internal
DCO-R circuit. The clock frequency is
8.192 MHz (E1 or T1/J1 and SIC2.SSC2 = 0)
or 6.176 MHz (T1/J1 and SIC2.SSC2 = 1).
Table 3
Pin Definitions - Clock Generation (cont’d)
Pin
No.
Pin
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com