Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 15Page - Infineon Technologies AG PEB2256HT Datasheet HTML 16Page - Infineon Technologies AG PEB2256HT Datasheet HTML 17Page - Infineon Technologies AG PEB2256HT Datasheet HTML 18Page - Infineon Technologies AG PEB2256HT Datasheet HTML 19Page - Infineon Technologies AG PEB2256HT Datasheet HTML 20Page - Infineon Technologies AG PEB2256HT Datasheet HTML 21Page - Infineon Technologies AG PEB2256HT Datasheet HTML 22Page - Infineon Technologies AG PEB2256HT Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 490 page
background image
Data Sheet
19
2002-08-27
Type
Package
PEB 2256 HT
P-MQFP-80-1
PEB 2256 E
P-LBGA-81-1
E1/T1/J1 Framer and Line Interface Component for
Long- and Short-Haul Applications
FALC56
PEB 2256 HT
Version 1.2
1.1
Features
Line Interface
• High-density, generic interface for all
E1/T1/J1 applications
• Analog receive and transmit circuits for long-haul and
short-haul applications
• E1 or T1/J1 mode selectable
• Data and clock recovery using an integrated
digital phase-locked loop
• Maximum line attenuation up to -43 dB at 1024 kHz
(E1)
and up to -36 dB at 772 kHz (T1/J1)
• Programmable transmit pulse shapes for E1 and
T1/J1 pulse masks
• Programmable
line
build-out
for
CSU
signals
according to ANSI T1. 403 and FCC68: 0dB, -7.5dB,
-15dB, -22.5 dB (T1/J1)
• Low transmitter output impedances for high transmit
return loss
• Tristate function of the analog transmit line outputs
• Transmit line monitor protecting the device from damage
• Receive line monitor mode
• Jitter specifications of ITU-T I.431, G.703, G.736 (E1), G.823 (E1) and AT&T
TR62411 (T1/J1) are met
• Crystal-less wander and jitter attenuation/compensation
• Common master clock reference for E1 and T1/J1
(any frequency within 1.02 and 20 MHz)
• Power-down function
P-MQFP-80-1
P-LBGA-81-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com