Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG PEB2256HT Datasheet HTML 88Page - Infineon Technologies AG PEB2256HT Datasheet HTML 89Page - Infineon Technologies AG PEB2256HT Datasheet HTML 90Page - Infineon Technologies AG PEB2256HT Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
87
2002-08-27
4.2.3.7
S
a-Bit Access (E1)
Due to signaling procedures using the five S
a-bits (S
a4…Sa8) of every other frame of the
CRC multiframe structure, three possibilities of access by the microprocessor are
implemented.
• The standard procedure allows reading/writing the S
a-bit registers RSW, XSW without
further support. The S
a-bit information is updated every other frame.
• The advanced procedure, enabled by bit FMR1.ENSA, allows reading/writing the S
a-
bit registers RSA4…8, XSA4…8.
A transmit or receive multiframe begin interrupt (ISR0.RMB or ISR1.XMB) is provided.
Registers RSA(8:4) contains the service word information of the previously received
CRC-multiframe or 8 doubleframes (bit slots 4 to 8 of every service word). These
registers are updated with every multiframe begin interrupt ISR0.RMB.
With the transmit multiframe begin an interrupt ISR1.XMB is generated and the contents
of the registers XSA(8:4) is copied into shadow registers. The contents is subsequently
sent out in the service words of the next outgoing CRC multiframe (or every
doubleframe) if none of the time slot 0 transparent modes is enabled. The transmit
multiframe begin interrupt XMB request that these registers issue should be serviced. If
requests for new information are ignored, the current contents is repeated.
• The extended access through the receive and transmit FIFOs of the signaling
controller. In this mode it is possible to transmit/receive a HDLC frame or a transparent
bit stream in any combination of the S
a-bits. Enabling is done by setting of bit
CCR1.EITS and the corresponding bits XC0.SA8E to SA4E/TSWM.TSA8 to TSA4
and resetting of registers TTR(4:1), RTR(4:1) and FMR1.ENSA. The access to and
from the FIFOs is supported by ISR0.RME, RPF and ISR1.XPR, ALS.
S
a6-Bit Detection according to ETS 300233
Four consecutive received S
a6-bits are checked for the combinations defined by
ETS
300233. The FALC56 detects the following fixed S
a6-bit combinations: SA61,
SA62, SA63, SA64 = 1000, 1010, 1100, 1110, 1111. All other possible 4-bit
combinations are grouped to status “X”.
A valid S
a6-bit combination must occur three times in a row. The corresponding status
bit in register RSA6S is set. Register RSA6S is of type “clear on read”. Any status change
of the S
a6-bit combinations causes an interrupt (ISR0.SA6SC).
During the basic frame asynchronous state update of register RSA6S and interrupt
status ISR0.SA6SC is disabled. In multiframe format the detection of the S
a6-bit
combinations can be done either synchronously or asynchronously to the submultiframe
(FMR3.SA6SY). In synchronous detection mode updating of register RSA6S is done in
the multiframe synchronous state (FRS0.LMFA = 0). In asynchronous detection mode
updating is independent of the multiframe synchronous state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com