Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG PEB2256HT Datasheet HTML 88Page - Infineon Technologies AG PEB2256HT Datasheet HTML 89Page - Infineon Technologies AG PEB2256HT Datasheet HTML 90Page - Infineon Technologies AG PEB2256HT Datasheet HTML 91Page - Infineon Technologies AG PEB2256HT Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
88
2002-08-27
S
a6-Bit Error Indication Counters
The S
a6-bit error indication counter CRC2L/H (16 bits) counts the received Sa6-bit
sequence 0001 or 0011 in every CRC submultiframe. In the primary rate access digital
section this counter option gives information about CRC errors reported from the TE by
the S
a6 bit. Incrementing is only possible in the multiframe synchronous state. The Sa6-
bit error indication counter CRC3L/H (16 bits) counts the received S
a6-bit sequence
0010 or 0011 in every CRC submultiframe. In the primary rate access digital section this
counter option gives information about CRC errors detected at T-reference point and
reporting them by the S
a6-bit.
Incrementing is only possible in the multiframe
synchronous state.
4.2.3.8
E-Bit Access (E1)
Due to signaling requirements, the E-bits of frame 13 and frame 15 of the CRC
multiframe can be used to indicate received errored submultiframes:
Submultiframe I statusE-bit located in frame 13
Submultiframe II statusE-bit located in frame 15
no CRC error: E = 1; CRC error:E = 0
Standard Procedure
After reading the submultiframe error indication RSP.SI1 and RSP.SI2, the
microprocessor has to update the contents of register XSP (XS13, XS15). Access to
these registers has to be synchronized on transmit or receive multiframe begin interrupts
(ISR0.RMB or ISR1.XMB).
Automatic Mode
In the multiframe synchronous state the E-bits are processed according to ITU-T G.704
independently of bit XSP.EBP (E-bit polarity selection).
By setting bit XSP.AXS status information of received submultiframes is automatically
inserted in the E-bit position of the outgoing CRC multiframe without any further
interventions of the microprocessor.
In the doubleframe and multiframe asynchronous state the E-bits are set or cleared,
depending on the setting of bit XSP.EBP.
Submultiframe Error Indication Counter
The EBC (E-Bit) counter EBCL/H (16 bits) counts zeros in the E-bit position of frame 13
and 15 of every received CRC multiframe. This counter option gives information about
the outgoing transmit PCM line if the E-bits are used by the remote end for submultiframe
error indication. Incrementing is only possible in the multiframe synchronous state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com