Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
62
2002-08-27
The intrinsic jitter generated in the absence of any input jitter is not more than 0.035 UI.
In digital bipolar line interface mode the clock and data recovery requires HDB3 coded
signals with 50% duty cycle.
4.1.6
Receive Line Coding (E1)
The HDB3 line code or the AMI coding is provided for the data received from the ternary
or the dual-rail interface. In case of the optical interface a selection between the NRZ
code and the CMI Code (1T2B) with HDB3 or AMI postprocessing is provided. If CMI
code is selected the receive route clock is recovered from the data stream. The CMI
decoder does not correct any errors. In case of NRZ coding data is latched with the
falling edge of signal RCLKI. The HDB3 code is used along with double violation
detection or extended code violation detection (selectable by FMR0.EXZE)). In AMI code
all code violations are detected. The detected errors increment the code violation
counter (16 bits length).
When using the optical interface with NRZ coding, the decoder is bypassed and no code
violations are detected.
The signal at the ternary interface is received at both ends of a transformer.
The E1 operating modes 75
Ω or 120 Ω are selectable by switching resistors in parallel
or using special transformers with different transfer ratios in one package (using center
tap). This selection does not require changing transformers.
Table 10
RCLK Output Selection (E1)
Clock Source
RCLK Frequency
CMR1.
DCS
CMR1.
RS1/0
Receive Data
(2.048 Mbit/s on RL1/RL2, RDIP/
RDIN or ROID)
2.048 MHz
(recovered clock)
X00
Receive Data
in case of LOS
constant high
0
01
2.048 MHz
(generated by DCO-R,
synchronized on SYNC)
110
DCO-R
2.048 MHz
X
10
8.192 MHz
X
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com