Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 14Page - Infineon Technologies AG PEB2256HT Datasheet HTML 15Page - Infineon Technologies AG PEB2256HT Datasheet HTML 16Page - Infineon Technologies AG PEB2256HT Datasheet HTML 17Page - Infineon Technologies AG PEB2256HT Datasheet HTML 18Page - Infineon Technologies AG PEB2256HT Datasheet HTML 19Page - Infineon Technologies AG PEB2256HT Datasheet HTML 20Page - Infineon Technologies AG PEB2256HT Datasheet HTML 21Page - Infineon Technologies AG PEB2256HT Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 490 page
background image
FALC56 V1.2
PEB 2256
Introduction
Data Sheet
18
2002-08-27
1
Introduction
The FALC56 framer and line interface component is designed to fulfill all required
interfacing between analog E1/T1/J1 lines and the digital PCM system highway,
H.100/H.110 or H-MVIP bus for world market telecommunication systems.
Due to its multitude of implemented functions, it fits to a wide range of networking
applications and fulfills the according international standards. An integrated signaling
controller including Signaling System #7 (SS7) support reduces software overhead.
Crystal-less jitter attenuation with only one master clock source reduces the amount of
required external components.
Equipped with a flexible microprocessor interface, it connects to any control processor
environment. A standard boundary scan interface is provided to support board level
testing. Flat pack or BGA device packaging, minimum number of external components
and low power consumption lead to reduced overall system costs.
Other members of the FALC
® family are the FALC®54 for short-haul applications, the
FALC
®-LH for long-haul and short-haul applications as well as the QuadFALC
supporting four channels on a single chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com