Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 55Page - Infineon Technologies AG PEB2256HT Datasheet HTML 56Page - Infineon Technologies AG PEB2256HT Datasheet HTML 57Page - Infineon Technologies AG PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1/T1/J1
Data Sheet
59
2002-08-27
3.3.3
Master Clocking Unit
The FALC56 provides a flexible clocking unit, which references to any clock in the range
of 1.02 to 20 MHz supplied on pin MCLK.
The clocking unit has to be tuned to the selected reference frequency by setting the
global clock mode registers GCM(6:1) accordingly.
The calculation formulas for the appropriate register settings can be found in
Chapter 9.2 on page 217 or Chapter 10.2 on page 334. A calculation tool is available
to evaluate the required register settings automatically (see Chapter 13.3 on page 481).
All required clocks for E1 or T1/J1 operation are generated by this circuit internally. The
global setting depends only on the selected master clock frequency and is the same for
E1 and T1/J1 because both clock rates are provided simultaneously.
To meet the E1 requirements the MCLK reference clock must have an accuracy of better
than ± 32 ppm. The synthesized clock can be controlled on pins CLK1, CLK2, RCLK,
SCLKR and XCLK.
.
Figure 12
Flexible Master Clock Unit
Flexible Master Clock Unit
GCM1...GCM6
MCLK
E1 Clocks
T1 / J1
Clocks
F0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com