Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
64
2002-08-27
Figure 15
Receive Line Monitoring
Using the receive line monitor mode and the hardware tristate function of transmit lines
XL1/2, the FALC56 now supports applications connecting two devices to one receive
and transmission line. In these kind of applications both devices are working in parallel
for redundancy purpose (see Figure 16). While one of them is driving the line, the other
one must be switched into transmit line tristate mode. If both channels are configured
identically and supplied with the same system data and clocks, the transmit path can be
switched from one channel to the other without causing a synchronization loss at the
remote end.
Table 12
External Component Recommendations (Monitoring)
Parameter
1)
1)
This includes all parasitic effects caused by circuit board design.
Characteristic Impedance [
Ω]
E1
75
120
R
1 (± 1 %) [Ω]75
120
R
2 (± 1 %) [Ω]75
120
R
3 (± 1 %) [Ω]330
510
t
2 : t1
1 : 1
1 : 1
FALC®
(Receiver)
FALC®
(Monitor)
RL1
E1/T1/J1
Receive
Line
LIM0.RLM=0
LIM0.RLM=1
R1
R2
R3
R3
RL2
RL1
RL2
t2 : t1
t2 : t1
resistive -20 dB network
F0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com