Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG PEB2256HT Datasheet HTML 71Page - Infineon Technologies AG PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
70
2002-08-27
4.1.12
Framer/Synchronizer (E1)
The following functions are performed:
• Synchronization on pulse frame and multiframe
• Error indication when synchronization is lost. In this case, AIS is sent automatically to
the system side and remote alarm is sent to the remote end if enabled.
• Initiating and controlling of resynchronization after reaching the asynchronous state.
This can be done automatically by the FALC56 or user controlled using the
microprocessor interface.
• Detection of remote alarm indication from the incoming data stream.
• Separation of service bits and data link bits. This information is stored in status
registers.
• Generation of various maskable interrupt statuses of the receiver functions.
• Generation of control signals to synchronize the CRC checker, and the receive elastic
buffer.
If programmed and applicable to the selected multiframe format, CRC checking of the
incoming data stream is done by generating check bits for a CRC submultiframe
according to the CRC4 procedure (refer to ITU-T G.704). These bits are compared with
those check bits that are received during the next CRC submultiframe. If there is at least
one mismatch, the CRC error counter (16 bit) is incremented.
4.1.13
Receive Elastic Buffer (E1)
The received bit stream is stored in the receive elastic buffer. The memory is organized
as a two-frame elastic buffer with a maximum size of 64
× 8 bit. The size of the elastic
buffer can be configured independently for the receive and transmit direction.
Programming of the receive buffer size is done by SIC1.RBS1/0:
• RBS1/0 = 00: two frame buffer or 512 bits
Maximum of wander amplitude (peak-to-peak): 190 UI (1 UI = 488 ns)
average delay after performing a slip: 1 frame or 256 bits
• RBS1/0 = 01: one frame buffer or 256 bits
Maximum of wander amplitude: 100 UI
average delay after performing a slip: 128 bits, (SYPR = output)
• RBS1/0 = 10: short buffer or 96 bits
Maximum of wander amplitude: 38 UI
average delay after performing a slip: 48 bits, (SYPR = output)
• RBS1/0 = 11: Bypass of the receive elastic buffer
The functions are:
• Clock adaption between system clock (SCLKR) and internally generated route clock
(RCLK).
• Compensation of input wander and jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com