Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 113Page - Texas Instruments TMS320VC5502 Datasheet HTML 114Page - Texas Instruments TMS320VC5502 Datasheet HTML 115Page - Texas Instruments TMS320VC5502 Datasheet HTML 116Page - Texas Instruments TMS320VC5502 Datasheet HTML 117Page - Texas Instruments TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-67. HPI
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0xA000
PID LSW
PID [15:0]
—
0xA001
PID MSW
PID [31:16]
—
0xA002
HPWREMU
Power and Emulation Management Register
0000 0000 0000 0000
0xA003
Reserved
0xA004
HGPIOINT1
General-Purpose I/O Interrupt Control Register 1
0000 0000 0000 0000
0xA005
HGPIOINT2
General-Purpose I/O Interrupt Control Register 2
0000 0000 0000 0000
0xA006
HGPIOEN
General-Purpose I/O Enable Register
0000 0000 0000 0000
0xA007
Reserved
0xA008
HGPIODIR1
General-Purpose I/O Direction Register 1
0000 0000 0000 0000
0xA009
Reserved
0xA00A
HGPIODAT1
General-Purpose I/O Data Register 1
xxxx xxxx xxxx xxxx
0xA00B
Reserved
0xA00C
HGPIODIR2
General-Purpose I/O Direction Register 2
0000 0000 0000 0000
0xA00D
Reserved
0xA00E
HGPIODAT2
General-Purpose I/O Data Register 2
xxxx xxxx xxxx xxxx
0xA00F
Reserved
0xA010
HGPIODIR3
General-Purpose I/O Direction Register 3
0000 0000 0000 0000
0xA011
Reserved
0xA012
HGPIODAT3
General-Purpose I/O Data Register 3
xxxx xxxx xxxx xxxx
0xA013 - 0xA017
Reserved
0xA018
HPIC
Host Port Control Register
0000 0000 0000 1000
0xA019
Reserved
0xA01A
HPIAW
Host Port Write Address Register
xxxx xxxx xxxx xxxx
0xA01B
Reserved
0xA01C
HPIAR
Host Port Read Address Register
xxxx xxxx xxxx xxxx
0xA01D - 0xA020
Reserved
(1)
x denotes a "don't care."
Table 3-68. GPIO
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x3400
IODIR
General-purpose I/O Direction Register
0000 0000 0000 0000
0x3401
IODATA
General-purpose I/O Data Register
0000 0000 xxxx xxxx
0x4400
PGPIOEN0
Parallel GPIO Enable Register 0
0000 0000 0000 0000
0x4401
PGPIODIR0
Parallel GPIO Direction Register 0
0000 0000 0000 0000
0x4402
PGPIODAT0
Parallel GPIO Data Register 0
0000 0000 0000 0000
0x4403
PGPIOEN1
Parallel GPIO Enable Register 1
0000 0000 0000 0000
0x4404
PGPIODIR1
Parallel GPIO Direction Register 1
0000 0000 0000 0000
0x4405
PGPIODAT1
Parallel GPIO Data Register 1
0000 0000 0000 0000
0x4406
PGPIOEN2
Parallel GPIO Enable Register 2
0000 0000 0000 0000
0x4407
PGPIODIR2
Parallel GPIO Direction Register 2
0000 0000 0000 0000
0x4408
PGPIODAT2
Parallel GPIO Data Register 2
0000 0000 0000 0000
(1)
x denotes a "don't care."
Functional Overview
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com