Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 116Page - Texas Instruments TMS320VC5502 Datasheet HTML 117Page - Texas Instruments TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 189 page
background image
www.ti.com
3.17
Interrupts
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-74. CLKOUT Selector Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8400
CLKOUTSR
CLKOUT Selection Register
0000 0000 0000 0010
Table 3-75. Clock Controller Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x1C80
PLLCSR
PLL Control Status Register
0000 0000 0000 0000
0x1C82
CK3SEL
CLKOUT3 Select Register
0000 0000 0000 1011
0x1C88
PLLM
PLL Multiplier Control Register
0000 0000 0000 0000
0x1C8A
PLLDIV0
PLL Divider 0 Register
1000 0000 0000 0000
0x1C8C
PLLDIV1
PLL Divider 1 Register
1000 0000 0000 0011
0x1C8E
PLLDIV2
PLL Divider 2 Register
1000 0000 0000 0011
0x1C90
PLLDIV3
PLL Divider 3 Register
1000 0000 0000 0011
0x1C92
OSCDIV1
Oscillator Divider 1 Register
0000 0000 0000 0000
0x1C98
WKEN
Oscillator Wakeup Control Register
0000 0000 0000 0000
Table 3-76. IDLE Control Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x9400
PICR
Peripheral IDLE Control Register
0000 0000 0000 0000
0x9401
PISTR
Peripheral IDLE Status Register
0000 0000 0000 0000
0x9402
MICR
Master IDLE Control Register
0000 0000 0000 0000
0x9403
MISR
Master IDLE Status Register
0000 0000 0000 0000
Vector-relative locations and priorities for all internal and external interrupts are shown in Table 3-77. For
more information on setting up and using interrupts, please refer to the TMS320C55x DSP CPU
Reference Guide (literature number SPRU371).
Table 3-77. Interrupt Table
SOFTWARE
LOCATION
NAME
(TRAP)
PRIORITY
FUNCTION
(HEX BYTES)
EQUIVALENT
RESET
SINT0
0
0
Reset (hardware and software)
NMI
SINT1
8
1
Nonmaskable interrupt
INT0
SINT2
10
3
External interrupt #0
INT2
SINT3
18
5
External interrupt #2
TINT0
SINT4
20
6
Timer #0 interrupt
RINT0
SINT5
28
7
McBSP #0 receive interrupt
RINT1
SINT6
30
9
McBSP #1 receive interrupt
XINT1
SINT7
38
10
McBSP #1 transmit interrupt
LCKINT
SINT8
40
11
PLL lock interrupt
DMAC1
SINT9
48
13
DMA Channel #1 interrupt
120
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com