Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 114Page - Texas Instruments TMS320VC5502 Datasheet HTML 115Page - Texas Instruments TMS320VC5502 Datasheet HTML 116Page - Texas Instruments TMS320VC5502 Datasheet HTML 117Page - Texas Instruments TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-69. Device Revision ID
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x3800 - 0x3803
Die ID
Die ID
0x3804
Chip ID (LSW)
Defines F# 3LS digits and PG rev
1001 0100 0110 xxxx
0x3805
Chip ID (MSW)
Defines F# 3MS digits
0000 0111 0101 0001
0x3806
Sub ID
Defines subsytem ID
0000 0000 0000 0000(2)
0x3807
Cat ID
Defines catalog device
0101 0101 0000 0010 (5502h)
(1)
x denotes a "don't care."
(2)
Denotes single core
Table 3-70. I
2C
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x3C00
I2COAR(2)
I2C Own Address Register
0000 0000 0000 0000
0x3C01
I2CIER
I2C Interrupt Enable Register
0000 0000 0000 0000
0x3C02
I2CSTR
I2C Status Register
0000 0100 0001 0000
0x3C03
I2CCLKL
I2C Clock Low-Time Divider Register
0000 0000 0000 0000
0x3C04
I2CCLKH
I2C Clock High-Time Divider Register
0000 0000 0000 0000
0x3C05
I2CCNT
I2C Data Count
0000 0000 0000 0000
0x3C06
I2CDRR
I2C Data Receive Register
0000 0000 0000 0000
0x3C07
I2CSAR
I2C Slave Address Register
0000 0011 1111 1111
0x3C08
I2CDXR
I2C Data Transmit Register
0000 0000 0000 0000
0x3C09
I2CMDR
I2C Mode Register
0000 0000 0000 0000
0x3C0A
I2CISRC
I2C Interrupt Source Register
0000 0000 0000 0000
0x3C0B
I2CGPIO
I2C General-Purpose Register (Not supported)
xxxx xxxx xxxx xxxx
0x3C0C
I2CPSC
I2C Prescaler Register
0000 0000 0000 0000
0x3C0D
PID1
I2C Peripheral ID Register 1
-
0x3C0E
PID2
I2C Peripheral ID Register 2
-
-
I2CXSR
I2C Transmit Shift Register
-
-
I2CRSR
I2C Receive Shift Register
-
(1)
x denotes a "don't care."
(2)
Specifies a unique 5502 I2C address. This register is fully programmable in both 7-bit and 10-bit modes and must be set by the
programmer. When this device is used in conjunction with another I2C device, it must be programmed to the I2C slave address
(01011A2A1A0) allocated by Philips Semiconductor for the 5502 (allocation number: 1946). A2, A1, and A0 are programmable address
bits.
118
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com