Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 128Page - Texas Instruments TMS320VC5502 Datasheet HTML 129Page - Texas Instruments TMS320VC5502 Datasheet HTML 130Page - Texas Instruments TMS320VC5502 Datasheet HTML 131Page - Texas Instruments TMS320VC5502 Datasheet HTML 132Page - Texas Instruments TMS320VC5502 Datasheet HTML 133Page - Texas Instruments TMS320VC5502 Datasheet HTML 134Page - Texas Instruments TMS320VC5502 Datasheet HTML 135Page - Texas Instruments TMS320VC5502 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 189 page
background image
www.ti.com
5.6.3
Clock Generation in Bypass Mode (APLL Disabled)
C4
C3
CLKOUT
CLKIN
C5
C8
C9
C1
C7
C6
C10
C11
(A ) The relationship of CLKIN to CLKOUT depends on the system clock selected to drive CLKOUT. The waveform relationship
shown in this figure is intended to illustrate the timing parameters only and may differ based on configuration.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-2 and Table 5-3 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-3).
Table 5-2. CLKIN in Bypass Mode Timing Requirements
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
MIN
MAX
C7
tc(CI)
Cycle time, CLKIN(1)
APLL Synthesis Disabled
20
(2)
20
(2)
ns
C8
tf(CI)
Fall time, CLKIN
10
10
ns
C9
tr(CI)
Rise time, CLKIN
10
10
ns
C10
tw(CIL)
Pulse duration, CLKIN low
0.4 * tc(CI)
0.4 * tc(CI)
ns
C11
tw(CIH)
Pulse duration, CLKIN high
0.4 * tc(CI)
0.4 * tc(CI)
ns
(1)
If an external crystal is used, the X2/CLKIN cycle time is limited by the crystal frequency range listed in Table 5-1.
(2)
This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Table 5-3. CLKOUT in Bypass Mode Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
TYP
MAX
C1
tc(CO)
Cycle time, CLKOUT
20
K * tc(CI)(1)
(2)
ns
C3
tf(CO)
Fall time, CLKOUT
3
ns
C4
tr(CO)
Rise time, CLKOUT
3
ns
C5
tw(COL)
Pulse duration, CLKOUT low
K * tc(CI) /2 – 1
K * tc(CI) /2 + 1
ns
C6
tw(COH)
Pulse duration, CLKOUT high
K * tc(CI) /2 – 1
K * tc(CI) /2 + 1
ns
(1)
K = divider ratio between CPU clock and system clock selected as CLKOUT. For example, when SYSCLK1 is selected as CLKOUT and
SYSCLK1 is set to the CPU clock divided by four, use K = 4.
(2)
This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Figure 5-3. Bypass Mode Clock Timings
132
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com