Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 136 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 132Page - Texas Instruments TMS320VC5502 Datasheet HTML 133Page - Texas Instruments TMS320VC5502 Datasheet HTML 134Page - Texas Instruments TMS320VC5502 Datasheet HTML 135Page - Texas Instruments TMS320VC5502 Datasheet HTML 136Page - Texas Instruments TMS320VC5502 Datasheet HTML 137Page - Texas Instruments TMS320VC5502 Datasheet HTML 138Page - Texas Instruments TMS320VC5502 Datasheet HTML 139Page - Texas Instruments TMS320VC5502 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 189 page
background image
www.ti.com
5.7
Memory Timings
5.7.1
Asynchronous Memory Timings
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-9 and Table 5-10 assume testing over recommended operating conditions (see Figure 5-8 and
Figure 5-9).
Table 5-9. Asynchronous Memory Cycle Timing Requirements for ECLKIN
(1) (2)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
A3
tsu(EDV-AREH)
Setup time, EMIF.Dx valid before EMIF.ARE high
6
ns
A4
th(AREH-EDV)
Hold time, EMIF.Dx valid after EMIF.ARE high
1
ns
A6
tsu(ARDY-EKO1H)
Setup time, EMIF.ARDY valid before ECLKOUT1 high
3.5
ns
A7
th(EKO1H-ARDY)
Hold time, EMIF.ARDY valid after ECLKOUT1 high
1
ns
(1)
To ensure data setup time, simply program the strobe width wide enough. EMIF.ARDY is internally synchronized. The EMIF.ARDY
signal is recognized in the cycle for which the setup and hold time is met. To use EMIF.ARDY as an asynchronous input, the pulse width
of the EMIF.ARDY signal should be wide enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
(2)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIF CE space control registers.
Table 5-10. Asynchronous Memory Cycle Switching Characteristics for ECLKOUT1
(1) (2) (3)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
A1
tosu(SELV-AREL)
Output setup time, select signals valid to EMIF.ARE low
RS * E – 1.5
ns
A2
toh(AREH-SELIV)
Output hold time, EMIF.ARE high to select signals invalid
RH * E – 1.5
ns
A5
td(EKO1H-AREV)
Delay time, ECLKOUT1 high to EMIF.ARE valid
1.5
5
ns
A8
tosu(SELV-AWEL)
Output setup time, select signals valid to EMIF.AWE low
WS * E – 1.5
ns
A9
toh(AWEH-SELIV)
Output hold time, EMIF.AWE high to select signals invalid
WH * E – 1.5
ns
A10
td(EKO1H-AWEV)
Delay time, ECLKOUT1 high to EMIF.AWE valid
1.5
5
ns
(1)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIF CE space control registers.
(2)
E = ECLKOUT1 period in ns for EMIF.
(3)
Select signals for EMIF include: EMIF.CEx, EMIF.BE[3:0], EMIF.A[21:2], and EMIF.AOE; and for EMIF writes, include EMIF.D[31:0].
Specifications
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com