Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 129Page - Texas Instruments TMS320VC5502 Datasheet HTML 130Page - Texas Instruments TMS320VC5502 Datasheet HTML 131Page - Texas Instruments TMS320VC5502 Datasheet HTML 132Page - Texas Instruments TMS320VC5502 Datasheet HTML 133Page - Texas Instruments TMS320VC5502 Datasheet HTML 134Page - Texas Instruments TMS320VC5502 Datasheet HTML 135Page - Texas Instruments TMS320VC5502 Datasheet HTML 136Page - Texas Instruments TMS320VC5502 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 189 page
background image
www.ti.com
5.6.4
Clock Generation in Lock Mode (APLL Synthesis Enabled)
N +
M
D
0
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The frequency of the reference clock provided at the CLKIN pin can be multiplied by a synthesis factor of N to
generate the internal CPU clock cycle. The synthesis factor is determined by:
where:
• M = the multiply factor set in the PLLM field of the PLL Multiplier Control Register (PLLM)
• D
0 = the divide factor set in the PLLDIV0 field of the PLL Divider 0 Register (PLLDIV0)
Valid values for M are (multiply by) 2 to 15. Valid values for D0 are (divide by) 1 – 32.
For detailed information on clock generation configuration, see Section 3.10, System Clock Generator.
Table 5-4 and Table 5-5 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-4).
Table 5-4. CLKIN in Lock Mode Timing Requirements
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
C7
tc(CI)
Cycle time, CLKIN(1)
APLL synthesis enabled
10(2)
83.3
ns
C8
tf(CI)
Fall time, CLKIN
10
ns
C9
tr(CI)
Rise time, CLKIN
10
ns
(1)
If an external crystal is used, the X2/CLKIN cycle time is limited by the crystal frequency range listed in Table 5-1.
(2)
The clock frequency synthesis factor and minimum CLKIN cycle time should be chosen such that the resulting CLKOUT cycle time is
within the specified range [tc(CO)].
Table 5-5. CLKOUT in Lock Mode Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
TYP
MAX
C1
tc(CO)
Cycle time, CLKOUT
6.66
K * tc(CI)/N(1)
14.29
ns
C3
tf(CO)
Fall time, CLKOUT
3
ns
C4
tr(CO)
Rise time, CLKOUT
3
ns
C5
tw(COL)
Pulse duration, CLKOUT low
K * tc(CI) /2N – 1
K * tc(CI) /2N + 1
ns
C6
tw(COH)
Pulse duration, CLKOUT high
K * tc(CI) /2N – 1
K * tc(CI) /2N + 1
ns
(1)
N = Clock frequency synthesis factor. K = divider ratio between CPU clock and system clock selected as CLKOUT. For example, when
SYSCLK1 is selected as CLKOUT and SYSCLK1 is set to the CPU clock divided by four, use K = 4.
133
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com