Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 143Page - Texas Instruments TMS320VC5502 Datasheet HTML 144Page - Texas Instruments TMS320VC5502 Datasheet HTML 145Page - Texas Instruments TMS320VC5502 Datasheet HTML 146Page - Texas Instruments TMS320VC5502 Datasheet HTML 147Page - Texas Instruments TMS320VC5502 Datasheet HTML 148Page - Texas Instruments TMS320VC5502 Datasheet HTML 149Page - Texas Instruments TMS320VC5502 Datasheet HTML 150Page - Texas Instruments TMS320VC5502 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 189 page
background image
www.ti.com
5.8
HOLD/HOLDA Timings
EMIF.HOLD
EMIF.HOLDA
EMIF Bus
(see Note A)
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
5502
H1
H3
H2
H5
H4
ECLKOUTx
ECLKOUTx
H6
H7
A.
EMIF Bus consists of: EMIF.CE[3:0], EMIF.BE[3:0], EMIF.D[31:0], EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE,
EMIF.AOE/SOE/SDRAS, EMIF.AWE/SWE/SDWE, EMIF.SDCKE, and EMIF.SOE3.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-15 and Table 5-16 assume testing over recommended operating conditions (see Figure 5-21).
Table 5-15. EMIF.HOLD/HOLDA Timing Requirements
(1)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
H3
toh(HOLDAL-HOLDL)
Hold time, EMIF.HOLD low after EMIF.HOLDA low
E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/1 clock, CPU1/2 clock, or CPU1/4 clock) period in ns for EMIF.
Table 5-16. EMIF.HOLD/HOLDA Switching Characteristics
(1) (2) (3)
VC5502-200
VC5502-300
NO.s
PARAMETER
UNIT
MIN
MAX
H1
td(HOLDL-EMHZ)
Delay time, EMIF.HOLD low to EMIF Bus high impedance
4E
(4)
ns
H2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to EMIF.HOLDA low
0
2E
ns
H4
td(HOLDH-EMLZ)
Delay time, EMIF.HOLD high to EMIF Bus low impedance
2E
7E
ns
H5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to EMIF.HOLDA high
0
2E
ns
H6
td(HOLDL-EKOHZ)
Delay time, EMIF.HOLD low to ECLKOUTx high impedance
4E
(4)
ns
H7
td(HOLDH-EKOLZ)
Delay time, EMIF.HOLD high to ECLKOUTx low impedance
2E
7E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/1 clock, CPU1/2 clock, or CPU1/4 clock) period in ns for EMIF.
(2)
EMIF Bus consists of: EMIF.CE[3:0], EMIF.BE[3:0], EMIF.D[31:0], EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE,
EMIF.AOE/SOE/SDRAS, EMIF.AWE/SWE/SDWE , EMIF.SDCKE, and EMIF.SOE3.
(3)
The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2) determine the state of the ECLKOUTx signals during
EMIF.HOLDA. If EKxHZ = 0, ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance
during Hold mode, as shown in Figure 5-21.
(4)
All pending EMIF transactions are allowed to complete before EMIF.HOLDA is asserted. If no bus transactions are occurring, then the
minimum delay time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
Figure 5-21. EMIF.HOLD/HOLDA Timings
Specifications
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com