Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 148 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 144Page - Texas Instruments TMS320VC5502 Datasheet HTML 145Page - Texas Instruments TMS320VC5502 Datasheet HTML 146Page - Texas Instruments TMS320VC5502 Datasheet HTML 147Page - Texas Instruments TMS320VC5502 Datasheet HTML 148Page - Texas Instruments TMS320VC5502 Datasheet HTML 149Page - Texas Instruments TMS320VC5502 Datasheet HTML 150Page - Texas Instruments TMS320VC5502 Datasheet HTML 151Page - Texas Instruments TMS320VC5502 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 189 page
background image
www.ti.com
5.9
Reset Timings
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-17 and Table 5-18 assume testing over recommended operating conditions (see Figure 5-22).
Table 5-17. Reset Timing Requirements
(1)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
R1
tw(RSL)
Pulse width, RESET low
2P + 5
ns
(1)
P = the period of the clock on the X2/CLKIN pin in ns. For example, when using 20 MHz as the input clock, use P = 50 ns.
Table 5-18. Reset Switching Characteristics
(1)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
R2
td(RSL-EMIFHZ)
Delay time, RESET low to EMIF group high impedance(2)
12
ns
GPIO4 = 0 (CLKMOD = 0)
41115P + 21
R3
td(RSH-EMIFV)
Delay time, RESET high to EMIF group valid(2)
ns
GPIO4 = 1 (CLKMOD = 1)
148P + 22
R4
td(RSL-HIGHIV)
Delay time, RESET low to high group invalid(3)
12
ns
GPIO4 = 0 (CLKMOD = 0)
41044P + 17
R5
td(RSH-HIGHV)
Delay time, RESET high to high group valid(3)
ns
GPIO4 = 1 (CLKMOD = 1)
77P + 18
R6
td(RSL-ZHZ)
Delay time, RESET low to Z group high impedance(4)
10
ns
GPIO4 = 0 (CLKMOD = 0)
41044P + 18
R7
td(RSH-ZV)
Delay time, RESET high to Z group invalid(4)
ns
GPIO4 = 1 (CLKMOD = 1)
77P + 19
R8
td(RSL-IOIM)
Delay time, RESET low to Input/Output group switch to input mode(5)
13
ns
R9
td(RSL-TGLD)
Delay time, RESET low to Toggle group switch to default toggle frequency(6)
11 + 14P
ns
(1)
P = the period of the clock on the X2/CLKIN pin in ns. For example, when using 20 MHz as the input clock, use P = 50 ns.
(2)
EMIF group: EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, EMIF.AWE/SWE/SDWE, EMIF.ARDY, EMIF.CE0,
EMIF.CE1, EMIF.CE2, EMIF.CE3, EMIF.BE0, EMIF.BE1, EMIF.BE2, EMIF.BE3, EMIF.SDCKE, EMIF.SOE3, EMIF.HOLD,
EMIF.HOLDA, ECLKOUT1. EMIF.ARDY and EMIF.HOLDA do not go to a high-impedance state during reset since they are input-only
signals; they are included here simply for completeness.
(3)
High group: IACK, XF, SCL (assumes external pullup on pin), SDA (assumes external pullup on pin), UART.TX, TDO.
(4)
Z group: HRDY, HINT, DX2, DX1, DX0
(5)
Input/Output group: PGPIO[45:0], HPI.HA[15:0], HPI.HD[15:0], EMIF.D[31:0], HPI.HAS, HPI.HBIL, HCNTL1, HCNTL0, HCS, R/W,
HDS1, HDS2, NMI/WDTOUT, GPIO[7:0], TIM0, TIM1, CLKR0, CLKX0, FSR0, FSX0, CLKR1, CLKX1, FSR1, FSX1, CLKR2, CLKX2,
FSR2, FSX2, EMU0, EMU1/OFF. Signals in this group switch to input mode with reset.
(6)
Toggle group: ECLKOUT2, CLKOUT. Pins in this group toggle with a default frequency during reset.
Specifications
148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com