Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 152 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 148Page - Texas Instruments TMS320VC5502 Datasheet HTML 149Page - Texas Instruments TMS320VC5502 Datasheet HTML 150Page - Texas Instruments TMS320VC5502 Datasheet HTML 151Page - Texas Instruments TMS320VC5502 Datasheet HTML 152Page - Texas Instruments TMS320VC5502 Datasheet HTML 153Page - Texas Instruments TMS320VC5502 Datasheet HTML 154Page - Texas Instruments TMS320VC5502 Datasheet HTML 155Page - Texas Instruments TMS320VC5502 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 189 page
background image
www.ti.com
5.12
General-Purpose Input/Output (GPIOx) Timings
G1
G2
G3
CLKOUT
GPIOx
Input Mode
GPIOx
Output Mode
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-22 and Table 5-23 assume testing over recommended operating conditions(see Figure 5-26).
Table 5-22. GPIO Pins Configured as Inputs Timing Requirements
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
G2
tsu(GPIO-COH)
Setup time, GPIOx input valid before CLKOUT high(1)
5
ns
G3
th(COH-GPIO)
Hold time, GPIOx input valid after CLKOUT high(1)
0
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
Table 5-23. GPIO Pins Configured as Outputs Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
G1
td(COH-GPIO)
Delay time, CLKOUT high to GPIOx output change(1)
0
8
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
Figure 5-26. General-Purpose Input/Output (GPIOx) Signal Timings
152
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com