Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 147Page - Texas Instruments TMS320VC5502 Datasheet HTML 148Page - Texas Instruments TMS320VC5502 Datasheet HTML 149Page - Texas Instruments TMS320VC5502 Datasheet HTML 150Page - Texas Instruments TMS320VC5502 Datasheet HTML 151Page - Texas Instruments TMS320VC5502 Datasheet HTML 152Page - Texas Instruments TMS320VC5502 Datasheet HTML 153Page - Texas Instruments TMS320VC5502 Datasheet HTML 154Page - Texas Instruments TMS320VC5502 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 189 page
background image
www.ti.com
5.11
XF Timings
X1
CLKOUT
XF
(A ) The figure shows the case in which CLKOUT is programmed to show a system clock that is operating at the same frequency as the
CPU clock.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-21 assumes testing over recommended operating conditions (see Figure 5-25).
Table 5-21. XF Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, CLKOUT high to XF high(1)
0
5
X1
td(XF)
ns
Delay time, CLKOUT high to XF low(1)
0
6
(1)
In this case, CLKOUT refers to the CPU clock. Since CLKOUT cannot be programmed to reflect the CPU clock, there might be an extra
delay of a certain number of CPU clocks based on the ratio between the system clock shown on CLKOUT and the CPU clock. For
example, if SYSCLK2 is shown on CLKOUT and SYSCLK2 is programmed to be half the CPU clock, there might be an extra delay of
one CPU clock period between the transition of CLKOUT and the specified timing. If system clock is programmed to be one-fourth of the
CPU clock, there might be an extra delay of 1, 2, or 3 CPU clocks between the transition of CLKOUT and the specified timing. The extra
delay must be taken into account when considering the MAX value for the timing under question. Note that if the CPU clock and the
system clock shown on CLKOUT are operating at the same frequency, there will be no extra delay in the specified timing.
Figure 5-25. XF Timings
Specifications
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com