Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 176 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 172Page - Texas Instruments TMS320VC5502 Datasheet HTML 173Page - Texas Instruments TMS320VC5502 Datasheet HTML 174Page - Texas Instruments TMS320VC5502 Datasheet HTML 175Page - Texas Instruments TMS320VC5502 Datasheet HTML 176Page - Texas Instruments TMS320VC5502 Datasheet HTML 177Page - Texas Instruments TMS320VC5502 Datasheet HTML 178Page - Texas Instruments TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 189 page
background image
www.ti.com
5.16.2
HPI General-Purpose I/O Timings
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-45 and Table 5-46 assume testing over recommended operating conditions (see Figure 5-45).
Table 5-45. HPI General-Purpose I/O Timing Requirements
(1)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
H23
tsu(HAGPIO-COH)
Setup time, HAGPIO input mode before CLKOUT high(2)
5
ns
H24
th(COH-HAGPIO)
Hold time, HAGPIO input mode after CLKOUT high(2)
0
ns
H25
tsu(HDNMGPIO-COH)
Setup time, HDNMGPIO input mode before CLKOUT high(3)
5
ns
H26
th(COH-HDNMGPIO)
Hold time, HDNMGPIO input mode after CLKOUT high(3)
0
ns
H27
tsu(HDMGPIO-COH)
Setup time, HDMGPIO input mode before CLKOUT high(4)
5
ns
H28
th(COH-HDMGPIO)
Hold time, HDMGPIO input mode after CLKOUT high(4)
0
ns
H29
tsu(HCGPIO-COH)
Setup time, HCGPIO input mode before CLKOUT high(5)
5
ns
H30
th(COH-HCGPIO)
Hold time, HCGPIO input mode after CLKOUT high(5)
0
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
(2)
HAGPIO refers to HPI.HA[15:0] configured as general-purpose input.
(3)
HDNMGPIO refers to HPI.HD[15:0] configured as general-purpose input during non-multiplexed operation of the HPI.
(4)
HDMGPIO refers to HPI.HD[7:0] configured as general-purpose input during multiplexed operation of the HPI.
(5)
HCGPIO refers to HPI.HAS (multiplexed mode only), HPI.HBIL (multiplexed mode only), HCNTL0, HCNTL1, HCS, HR/W, HDS1, HDS2,
HRDY, and HINT configured as general-purpose input.
Table 5-46. HPI General-Purpose I/O Switching Characteristics
(1)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
H19
td(COH-HAGPIO)
Delay time, CLKOUT high to HAGPIO output mode(2)
10
ns
H20
td(COH-HDNMGPIO)
Delay time, CLKOUT high to HDNMGPIO output mode(3)
10
ns
H21
td(COH-HDMGPIO)
Delay time, CLKOUT high to HDMGPIO output mode(4)
10
ns
H22
td(COH-HCGPIO)
Delay time, CLKOUT high to HCGPIO output mode(5)
10
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
(2)
HAGPIO refers to HPI.HA[15:0] configured as general-purpose output.
(3)
HDNMGPIO refers to HPI.HD[15:0] configured as general-purpose output during non-multiplexed operation of the HPI.
(4)
HDMGPIO refers to HPI.HD[7:0] configured as general-purpose output during multiplexed operation of the HPI.
(5)
HCGPIO refers to HPI.HAS (multiplexed mode only), HPI.HBIL (multiplexed mode only), HCNTL0, HCNTL1, HCS, HR/W, HDS1, HDS2,
HRDY, and HINT configured as general-purpose output.
Specifications
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com