Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 178 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 174Page - Texas Instruments TMS320VC5502 Datasheet HTML 175Page - Texas Instruments TMS320VC5502 Datasheet HTML 176Page - Texas Instruments TMS320VC5502 Datasheet HTML 177Page - Texas Instruments TMS320VC5502 Datasheet HTML 178Page - Texas Instruments TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 189 page
background image
www.ti.com
5.16.3
HPI.HAS Interrupt Timings
CLKOUT
HPI.HAS
H31
H32
H33
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-47 assumes testing over recommended operating conditions (see Figure 5-46).
Table 5-47. HPI.HAS Interrupt Timing Requirements
(1)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
H31
tsu(HASL-COH)
Setup time, HPI.HAS low(2) before CLKOUT rising edge
5
ns
H32
th(COH-HASL)
Hold time, HPI.HAS low(2) after CLKOUT rising edge
0
ns
H33
tw(HASL)
Pulse width, HPI.HAS low(2)
P(3)
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
(2)
An interrupt can be triggered by setting the HPI.HAS signal high or low, depending on the setting of the HAS bit in the General-Purpose
I/O Interrupt Control Register 2 (HPGPIOINT2). Refer to the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide
(literature number SPRU620) for more information on the interrupt capability of the HPI.HAS signal.
(3)
P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2
the CPU clock frequency, use P = 2/300 MHz = 6.66 ns.
Figure 5-46. HPI.HAS Interrupt Timings
178
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com