Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 181 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 177Page - Texas Instruments TMS320VC5502 Datasheet HTML 178Page - Texas Instruments TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments TMS320VC5502 Datasheet HTML 183Page - Texas Instruments TMS320VC5502 Datasheet HTML 184Page - Texas Instruments TMS320VC5502 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 189 page
background image
www.ti.com
5.18
Universal Asynchronous Receiver/Transmitter (UART) Timings
U3
U2
Start
Bit
Data Bits
UART.TX
UART.RX
U5
Data Bits
Bit
Start
U4
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-50 to Table 5-51 assume testing over recommended operating conditions (see Figure 5-49).
Table 5-50. UART Timing Requirements
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
U4
tw(UDB)R
Pulse width, receive data bit
0.96U(1)
1.05U(1)
ns
U5
tw(USB)R
Pulse width, receive start bit
0.96U(1)
1.05U(1)
ns
(1)
U = UART baud time = 1/programmed baud rate
Table 5-51. UART Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
U1
fbaud
Maximum programmable baud rate
5
MHz
U2
tw(UDB)X
Pulse width, transmit data bit
U – 2(1)
U + 2(1)
ns
U3
tw(USB)X
Pulse width, transmit start bit
U – 2(1)
U + 2(1)
ns
(1)
U = UART baud time = 1/programmed baud rate
Figure 5-49. UART Timings
Specifications
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com