Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 183 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments TMS320VC5502 Datasheet HTML 183Page - Texas Instruments TMS320VC5502 Datasheet HTML 184Page - Texas Instruments TMS320VC5502 Datasheet HTML 185Page - Texas Instruments TMS320VC5502 Datasheet HTML 186Page - Texas Instruments TMS320VC5502 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 189 page
background image
www.ti.com
6.2
Packaging Information
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 6-1. Thermal Resistance Characteristics (Ambient) (continued)
PACKAGE
RΘJA (°C/W)
BOARD TYPE(1)
AIRFLOW (LFM)
60
High-K
0
52
High-K
150
49
High-K
250
45
High-K
500
PGF
104
Low-K
0
81
Low-K
150
73
Low-K
250
64
Low-K
500
Table 6-2. Thermal Resistance Characteristics (Case)
PACKAGE
RΘJC (°C/W)
BOARD TYPE(1)
GZZ, ZZZ
22
2s JEDEC Test Card
PGF
13.2
2s JEDEC Test Card
(1)
Board types are as defined by JEDEC. Reference JEDEC Standard JESD51-9, Test Boards for Area Array Surface Mount Package
Thermal Measurements.
PACKAGE
PACKAGE
PACKAGE
ORDERABLE DEVICE
STATUS(1)
PINS
ECO-STATUS(2)
MSL, PEAK TEMP(3)
TYPE
DRAWING
QTY
TMS320VC5502GZZ200
Active
BGA
GZZ
201
126
N/A
Level-3-220C-168HR
TMS320VC5502GZZ300
Active
BGA
GZZ
201
1
N/A
Level-3-220C-168HR
TMS320VC5502PGF200
Active
LQFP
PGF
176
40
N/A
Level-4-220C-72HR
TMS320VC5502PGF300
Active
LQFP
PGF
176
1
N/A
Level-4-220C-72HR
TMS320VC5502ZZZ200
Active
BGA
ZZZ
201
40
Green
Level-3-260C-168HR
TMS320VC5502ZZZ300
Active
BGA
ZZZ
201
126
Green
Level-3-260C-168HR
TMX320VC5502GZZ200
Active
BGA
GZZ
201
TMX320VC5502GZZ300
Active
BGA
GZZ
201
TMX320VC5502PGF200
Active
LQFP
PGF
176
TMX320VC5502PGF300
Active
LQFP
PGF
176
(1) The marketing status values are defined as follows:
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
ACTIVE: Active device available for purchase from a TI Authorized Distributor.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does
not recommend using this part in a new design.
LIFEBUY: TI has announced that the device will be discontinued and a lifetime-buy period is in effect.
OBSOLETE: Ti has discontinued production of the device.
(2) Eco-Status Information — Additional details including specific material content can be accessed at
www.ti.com/leadfree.
N/A: Not yet available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree.
Mechanical Data
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com