Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 185 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments TMS320VC5502 Datasheet HTML 183Page - Texas Instruments TMS320VC5502 Datasheet HTML 184Page - Texas Instruments TMS320VC5502 Datasheet HTML 185Page - Texas Instruments TMS320VC5502 Datasheet HTML 186Page - Texas Instruments TMS320VC5502 Datasheet HTML 187Page - Texas Instruments TMS320VC5502 Datasheet HTML 188Page - Texas Instruments TMS320VC5502 Datasheet HTML 189Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 185 / 189 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TMS320VC5502GZZ200
ACTIVE
BGA MI
CROSTA
R
GZZ
201
126
TBD
SNPB
Level-3-220C-168HR
TMS320VC5502GZZ300
ACTIVE
BGA MI
CROSTA
R
GZZ
201
126
TBD
SNPB
Level-3-220C-168HR
TMS320VC5502PGF200
ACTIVE
LQFP
PGF
176
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72HR
TMS320VC5502PGF300
ACTIVE
LQFP
PGF
176
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72HR
TMS320VC5502ZZZ200
ACTIVE
BGA MI
CROSTA
R
ZZZ
201
126
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168HR
TMS320VC5502ZZZ300
ACTIVE
BGA MI
CROSTA
R
ZZZ
201
126
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168HR
TMX320VC5502GZZ200
OBSOLETE
BGA MI
CROSTA
R
GZZ
201
TBD
Call TI
Call TI
TMX320VC5502GZZ300
OBSOLETE
BGA MI
CROSTA
R
GZZ
201
TBD
Call TI
Call TI
TMX320VC5502PGF200
OBSOLETE
LQFP
PGF
176
TBD
Call TI
Call TI
TMX320VC5502PGF300
OBSOLETE
LQFP
PGF
176
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jul-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com