Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 180 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 176Page - Texas Instruments TMS320VC5502 Datasheet HTML 177Page - Texas Instruments TMS320VC5502 Datasheet HTML 178Page - Texas Instruments TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments TMS320VC5502 Datasheet HTML 183Page - Texas Instruments TMS320VC5502 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 189 page
background image
www.ti.com
IC25
IC23
IC19
IC18
IC22
IC27
IC20
IC21
IC17
IC18
IC28
Stop
Start
Repeated
Start
Stop
SDA
SCL
IC16
IC26
IC24
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-49. I
2C Signals (SDA and SCL) Switching Characteristics
VC5502-200
VC5502-300
NO.
PARAMETER
Standard
Fast
UNIT
Mode
Mode
MIN
MAX
MIN
MAX
IC16
tc(SCL)
Cycle time, SCL
10
2.5
µs
Delay time, SCL high to SDA low for a repeated START
IC17
td(SCLH-SDAL)
4.7
0.6
µs
condition
Delay time, SDA low to SCL low for a START and a repeated
IC18
td(SDAL-SCLL)
4
0.6
µs
START condition
IC19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
IC20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
IC21
td(SDA-SCLH)
Delay time, SDA valid to SCL high
250
100
ns
Valid time, SDA valid after SCL
IC22
tv(SCLL-SDAV)
For I2C bus devices
0
0
µs
low
Pulse duration, SDA high between STOP and START con-
IC23
tw(SDAH)
4.7
1.3
µs
ditions
IC24
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb(1)
300
ns
IC25
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb(1)
300
ns
IC26
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb(1)
300
ns
IC27
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb(1)
300
ns
IC28
td(SCLH-SDAH)
Delay time, SCL high to SDA high for a STOP condition
4
0.6
µs
IC29
Cp
Capacitance for each I2C pin
10
10
pF
(1)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
Figure 5-48. I2C Transmit Timings
180
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com