Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 27 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 23Page - Microchip Technology UCS1003-2 Datasheet HTML 24Page - Microchip Technology UCS1003-2 Datasheet HTML 25Page - Microchip Technology UCS1003-2 Datasheet HTML 26Page - Microchip Technology UCS1003-2 Datasheet HTML 27Page - Microchip Technology UCS1003-2 Datasheet HTML 28Page - Microchip Technology UCS1003-2 Datasheet HTML 29Page - Microchip Technology UCS1003-2 Datasheet HTML 30Page - Microchip Technology UCS1003-2 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 27
UCS1003-1/2/3
4.0
TERMS AND ABBREVIATIONS
Note:
In the case of UCS1003-1, the M1, M2, PWR_EN and EM_EN pins each have Configuration bits
(<pin name>_SET in Section 10.4.3 “Switch Configuration Register”) that may be used to perform the
same function as the external pin state. These bits are accessed via the SMBus/I2C and are OR’d with the
respective pin. This OR’d combination of pin state and register bit is referenced as the <pin name> control.
TABLE 4-1:
TERMS AND ABBREVIATIONS
Term/Abbreviation
Description
Active Mode
Active Power State Operation mode: Data Pass-Through, BC1.2 SDP, BC1.2 CDP, BC1.2
DCP or Dedicated Charger Emulation Cycle mode.
Attach Detection
An Attach Detection event occurs when the current drawn by a portable device is greater than
IDET_QUAL for longer than tDET_QUAL.
Attachment
The physical insertion of a portable device into a USB port that UCS1003-1/2/3 is controlling.
CC
Constant Current.
CDM
Charged Device Model. JEDEC model for characterizing susceptibility of a device to damage
from ESD.
CDP or USB-IF
BC1.2 CDP
Charging Downstream Port. The combination of the UCS1003-1/2/3 CDP handshake and an
active standard USB host comprises a CDP. This enables a BC1.2 compliant portable device
to simultaneously draw current up to 1.5A while data communication is active. The USB
high-speed data switch is closed in this mode.
Charge Enable
When a charger emulation profile has been accepted by a portable device and charging
commences.
Charger Emulation
Profile
Representation of a charger comprised of DPOUT, DMOUT and VBUS signaling, which make up
a defined set of signatures or handshaking protocols.
Connection
USB-IF term which refers to establishing active USB communications between a USB host
and a USB device.
Current-Limiting
Mode
Determines the action that is performed when the IBUS current reaches the ILIM threshold. Trip
opens the port power switch. Constant Current (variable slope) allows VBUS to be dropped by
the portable device.
DCE
Dedicated Charger Emulation. Charger emulation in which the UCS1003-1/2/3 can deliver
power only (by default). No active USB data communication is possible when charging in this
mode (by default).
DCP or USB-IF
BC1.2 DCP
Dedicated Charging Port. This functions as a dedicated charger for a BC1.2 portable device.
This allows the portable device to draw currents up to 1.5A with Constant-Current Limiting
(and beyond 1.5A with trip current limiting). No USB communications are possible (by default).
DC
Dedicated Charger. A charger which inherently does not have USB communications, such as
an A/C wall adapter.
Disconnection
USB-IF term which refers to the loss of active USB communications between a USB host and
a USB device.
Dynamic Thermal
Management
The UCS1003-1/2/3 automatically adjusts port power switch limits and modes to lower internal
power dissipation when the thermal regulation temperature value is approached.
Enumeration
A USB-specific term indicating that a host is detecting and identifying USB devices.
Handshake
Application of a charger emulation profile that requires a response. Two-way communication
between the UCS1003-1/2/3 and the portable device.
HBM
Human Body Model.
HSW
High-Speed Switch.
IBUS_R2MIN
Current Limiter mode boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com