Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 51 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 51 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 47Page - Microchip Technology UCS1003-2 Datasheet HTML 48Page - Microchip Technology UCS1003-2 Datasheet HTML 49Page - Microchip Technology UCS1003-2 Datasheet HTML 50Page - Microchip Technology UCS1003-2 Datasheet HTML 51Page - Microchip Technology UCS1003-2 Datasheet HTML 52Page - Microchip Technology UCS1003-2 Datasheet HTML 53Page - Microchip Technology UCS1003-2 Datasheet HTML 54Page - Microchip Technology UCS1003-2 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 51
UCS1003-1/2/3
8.0
DETECT STATE
8.1
Device Attach/Removal Detection
The UCS1003-1/2/3 can detect the attachment and
removal of a portable device on the USB port. Attach
and Removal Detection does not perform any charger
emulation or qualification of the device. The high-speed
switch is “off” (by default) during the Detect power state.
8.2
VBUS Bypass Switch
The UCS1003-1/2/3 family contains circuitry to provide
VBUS current, as shown in Figure 8-1. In the Detect
state, VDD is the voltage source; in the Active state, VS
is the voltage source. The bypass switch and the port
power switch are never both on at the same time.
While the VBUS bypass switch is active, the current
available to a portable device will be limited to IBUS_BYP
and the Attach Detection feature is active.
FIGURE 8-1:
Detect State VBUS Biasing.
8.3
Attach Detection
The primary Attach Detection feature is only active in
the Detect power state. When active, this feature
constantly monitors the current load on the VBUS pin. If
the current drawn by a portable device is greater than
IDET_QUAL, for longer than tDET_QUAL, an Attach
Detection event occurs. This will cause the UCS1003-1
or UCS1003-3 to assert the A_DET# pin low and the
ADET_PIN and ATT status bits to be set in the
UCS1003-1 registers. The UCS1003-2 internally flags
the event.
Until the port power switch is enabled, the current avail-
able to a portable device will be limited to that used to
detect device attachment (IDET_QUAL). Once an Attach
Detection event occurs, the UCS1003-1/2/3 will wait for
the PWR_EN control to be enabled (if not already).
When PWR_EN is enabled and VS is above the thresh-
old, the UCS1003-1/2/3 will activate the USB port
power switch and operate in the selected Active mode
(see Section 9.0 “Active State”).
8.4
Removal Detection
The Removal Detection feature will be active in the
Active and Detect power states if S0 = 1. This feature
monitors the current load on the VBUS pin. If this load
drops to less than IREM_QUAL_DET for longer than
tREM_QUAL, a Removal Detection event is flagged.
When this event occurs, the following will be
performed:
1.
Disable the port power switch and the bypass
switch.
2.
Deassert the A_DET# pin (UCS1003-1 and
UCS1003-3 only) and set the REM status
register bit (UCS1003-1 only).
3.
Enable an internal discharging device that will
discharge the VBUS line within tDISCHARGE.
4.
Once the VBUS pin has been discharged, the
device will return to the Detect state regardless
of the PWR_EN control state.
Port Power
Switch
VDD
VS
VS
VBUS
VBUS
Bypass
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com