Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 53 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 53 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 49Page - Microchip Technology UCS1003-2 Datasheet HTML 50Page - Microchip Technology UCS1003-2 Datasheet HTML 51Page - Microchip Technology UCS1003-2 Datasheet HTML 52Page - Microchip Technology UCS1003-2 Datasheet HTML 53Page - Microchip Technology UCS1003-2 Datasheet HTML 54Page - Microchip Technology UCS1003-2 Datasheet HTML 55Page - Microchip Technology UCS1003-2 Datasheet HTML 56Page - Microchip Technology UCS1003-2 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 53
UCS1003-1/2/3
9.0
ACTIVE STATE
9.1
Active State Overview
The UCS1003-1/2/3 family has the following modes of
operation in the Active state: Data Pass-Through,
BC1.2 DCP, BC1.2 SDP, BC1.2 CDP and Dedicated
Charger Emulation Cycle. The Current-Limiting mode
depends on the Active mode behavior (see Table 9-2).
9.2
Active Mode Selection
The Active mode selection is controlled by three
controls: EM_EN, M1 and M2, as shown in Table 9-1.
9.3
BC1.2 Detection Renegotiation
The BC1.2 specification allows a charger to act as an
SDP, CDP or DCP and to change between these roles.
To force an attached portable device to repeat the
Charging Detection procedure, VBUS must be cycled. In
compliance with this specification, the UCS1003-1/2/3
family automatically cycles VBUS when switching
between the BC1.2 SDP, BC1.2 DCP and BC1.2 CDP
modes.
9.4
Data Pass-Through
(No Charger Emulation)
When commanded to Data Pass-Through mode, the
UCS1003-1/2/3 devices will close their USB high-
speed data switch to allow USB communications
between a portable device and host controller, and will
operate using Trip Current-Limiting mode. No charger
emulation profiles are applied in this mode. Data Pass-
Through mode will persist until commanded otherwise
by the M1, M2 and EM_EN controls.
9.5
BC1.2 SDP (No Charger
Emulation)
When commanded to BC1.2 SDP mode, UCS1003-1/2/3
devices will discharge VBUS, close their USB high-speed
data switch to allow USB communications between a por-
table device and host controller, and will operate using
Trip Current-Limiting mode. No charger emulation profiles
are applied in this mode. BC1.2 SDP mode will persist
until commanded otherwise by the M1, M2, EM_EN and
PWR_EN controls.
9.6
BC1.2 CDP
When BC1.2 CDP is selected as the Active mode,
UCS1003-1/2/3 devices will discharge VBUS, close their
USB high-speed data switch (by default) and apply the
BC1.2 CDP charger emulation profile, which performs
handshaking per the specification. The combination of
the UCS1003-1/2/3 CDP handshake, along with a
standard USB host, comprises a charging downstream
port. In BC1.2 CDP mode, there is no emulation time-out.
If the handshake is successful, the UCS1003-1/2/3 will
operate using Constant-Current Limiting (variable
slope). If the handshake is not successful, the
UCS1003-1/2/3 will leave the applied CDP profile in
place, leave the high-speed switch closed, enable
Constant-Current Limiting and persist in this condition
until commanded otherwise by the M1, M2, EM_EN
and PWR_EN controls.
TABLE 9-1:
ACTIVE MODE SELECTION
M1
M2
EM_EN
Active mode
00
1
Dedicated Charger Emulation
Cycle
01
0
Data Pass-Through
01
1
BC1.2 DCP
10
0
BC1.2 SDP (Note 1)
10
1
Dedicated Charger Emulation
Cycle
11
0
Data Pass-Through
11
1
BC1.2 CDP
Note 1:
BC1.2 SDP behaves the same as the
Data Pass-Through mode with the
exception that it is preceded by a VBUS
discharge when the mode is entered per
the BC1.2 specification.
Note 1:
If it is desired that the Data Pass-Through
mode operates as a traditional/standard
port power switch, the S0 control should be
set to ‘0’ to allow the port power switch to
be closed without requiring an Attach
Detection event. When entering this mode,
there is no automatic VBUS discharge.
2:
When the M1, M2 and EM_EN controls
are set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’,
respectively, Data Pass-Through mode
will persist if the PWR_EN control is
disabled; however, the UCS1003-1/2/3
will draw more current. To leave the Data
Pass-Through mode, the PWR_EN
control must be enabled before the M1,
M2 and EM_EN controls are changed to
the desired mode.
Note:
If it is desired that the BC1.2 SDP mode
operates as a traditional/standard port
power switch, the S0 control should be set
to ‘0’ to allow the port power switch to be
closed
without
requiring
an
Attach
Detection event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com