Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 54 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 54 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 50Page - Microchip Technology UCS1003-2 Datasheet HTML 51Page - Microchip Technology UCS1003-2 Datasheet HTML 52Page - Microchip Technology UCS1003-2 Datasheet HTML 53Page - Microchip Technology UCS1003-2 Datasheet HTML 54Page - Microchip Technology UCS1003-2 Datasheet HTML 55Page - Microchip Technology UCS1003-2 Datasheet HTML 56Page - Microchip Technology UCS1003-2 Datasheet HTML 57Page - Microchip Technology UCS1003-2 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 54
 2014-2015 Microchip Technology Inc.
The UCS1003-1/2/3 will respond per the BC1.2
specification to the portable device initiated charger
renegotiation requests.
9.6.1
BC1.2 CDP CHARGER
EMULATION PROFILE
The BC1.2 CDP charger emulation profile acts in a
reactionary manner based on stimulus from the portable
device, as described below and shown in Figure 2-1.
1.
VBUS voltage is applied.
2.
Primary Detection – When the portable device
drives a voltage between 0.4V and 0.8V onto the
DPOUT pin, the UCS1003-1/2/3 will drive 0.6V
onto the DMOUT pin within 20 ms.
3.
When the portable device drives the DPOUT pin
back to ‘0’, the UCS1003-1/2/3 will then drive
the DMOUT pin back to ‘0’ within 20 ms.
4.
Optional Secondary Detection – If the portable
device then drives a voltage of 0.6V (nominal)
onto the DMOUT pin, the UCS1003-1/2/3 will
take no other action. This will cause the portable
device to observe a ‘0’ on the DPOUT pin and
know that it is connected to a CDP.
9.7
BC1.2 DCP
When BC1.2 DCP is selected as the Active mode,
UCS1003-1/2/3 will discharge VBUS and apply the
BC1.2 DCP charger emulation profile per the
specification. In BC1.2 DCP mode, the emulation time-
out and requirement for portable device current draw
are automatically disabled. In the case of UCS1003-1,
when the BC1.2 DCP charger emulation profile is
applied within the Dedicated Charger Emulation Cycle
mode (see Section 9.11.1 “BC1.2 DCP Charger
Emulation Profile within DCE Cycle”
), the time-out
and current draw requirement are enabled.
If the portable device is charging after the DCP charger
emulation profile is applied, the UCS1003-1/2/3 will
leave in place the resistive short, leave the high-speed
switch open and enable Constant-Current Limiting
(variable slope).
9.7.1
BC1.2 DCP CHARGER
EMULATION PROFILE
The BC1.2 DCP charger emulation profile is described
as follows:
1.
VBUS voltage is applied. A resistor (RDCP_RES) is
connected between the DPOUT and DMOUT pins.
2.
Primary Detection – If the portable device drives
0.6V (nominal) onto the DPOUT pin, the
UCS1003-1/2/3 will take no other action than to
leave the resistor connected between DPOUT
and DMOUT. This will cause the portable device
to see 0.6V (nominal) on the DMOUT pin and
know that it is connected to a DCP.
3.
Optional Secondary Detection – If the portable
device drives 0.6V (nominal) onto the DMOUT
pin, the UCS1003-1/2/3 will take no other action
than to leave the resistor connected between
DPOUT and DMOUT. This will cause the portable
device to see 0.6V (nominal) on the DPOUT pin
and know that it is connected to a DCP.
9.8
Dedicated Charger Emulation
Cycle
When commanded to Dedicated Charger Emulation
Cycle mode, the UCS1003-1/2/3 family enables an
attached portable device to enter its Charging mode by
applying specific charger emulation profiles in a
predefined sequence. Using these profiles, the
UCS1003-1/2/3 family is capable of generating and
recognizing several signal levels on the DPOUT and
DMOUT pins. The preloaded charger emulation profiles
include those compatible with YD/T-1591 (2009), 12W
charging, Samsung and many RIM portable devices. In
the case of UCS1003-1, other levels, sequences and
protocols are configurable via the SMBus/I2C.
When a charger emulation profile is applied, a
programmable timer for the emulation profile is started.
When emulation time-out occurs, the UCS1003-1/2/3
family checks the IBUS current against a programmable
threshold. If the current is above the threshold, the
charger emulation profile is accepted and the associated
Current-Limiting mode is applied. No active USB data
communication is possible when charging in this mode
(by default – see Section 10.4.5 “High-Speed Switch
Configuration Register”
).
Note 1:
BC1.2 compliance testing may require
the S0 control to be set to ‘0’ (Attach and
Removal Detection feature disabled)
while testing is in progress.
2:
When the UCS1003-1/2/3 devices are in
BC1.2 CDP mode and the Attach and
Removal Detection feature is enabled, if
a power thief (such as a USB light or fan)
attaches but does not assert the DP pin,
a removal event will not occur when the
portable device is removed. However, if a
standard USB device is subsequently
attached, Removal Detection will again
be fully functional. As well, if PWR_EN is
cycled or M1, M2 and/or EM_EN change
state, a removal event will occur and
Attach Detection will be reactivated.
Note:
All CDP handshaking is performed with
the high-speed switch closed.
Note:
BC1.2 compliance testing may require the
S0 control to be set to ‘0’ (Attach and
Removal Detection feature disabled)
while testing is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com