Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 45 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 41Page - Microchip Technology UCS1003-2 Datasheet HTML 42Page - Microchip Technology UCS1003-2 Datasheet HTML 43Page - Microchip Technology UCS1003-2 Datasheet HTML 44Page - Microchip Technology UCS1003-2 Datasheet HTML 45Page - Microchip Technology UCS1003-2 Datasheet HTML 46Page - Microchip Technology UCS1003-2 Datasheet HTML 47Page - Microchip Technology UCS1003-2 Datasheet HTML 48Page - Microchip Technology UCS1003-2 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 45
UCS1003-1/2/3
7.3
VBUS Discharge
The UCS1003-1/2/3 will discharge VBUS through an
internal 100
 resistor when at least one of the following
conditions occurs:
• The PWR_EN control is disabled (triggered on the
inactive edge of the PWR_EN control).
• A portable device Removal Detection event is flagged.
•The VS voltage drops below a specified threshold
(VS_UVLO) that causes the port power switch to be
disabled.
• When commanded into the Sleep power state via
the EM_EN, M1 and M2 controls.
• Before each charger emulation profile is applied.
• Upon recovery from the Error state.
• When commanded via the SMBus (for UCS1003-1
only, see Section 10.4 “Configuration Registers”)
in the Active state.
• Any time that the port power switch is activated
after the VBUS bypass switch has been on (i.e.,
whenever VBUS voltage transitions from being
driven from VDD to being driven from VS, such as
going from Detect to Active power state).
• Any time that the VBUS bypass switch is activated
after the port power switch has been on (i.e.,
going from Active to Detect power state).
When the VBUS discharge circuitry is activated, at the
end of the tDISCHARGE time, the UCS1003-1/2/3 will
confirm that VBUS was discharged. If the VBUS voltage
is not below the VTEST level, a discharge error will be
flagged (by setting the DISCH_ERR status bit in the
case of UCS1003-1) and the UCS1003-1/2/3 will enter
the Error state.
7.4
Battery Full (UCS1003-1 Only)
Delivery of bus current to a portable device can be
rationed by the UCS1003-1. When this functionality is
enabled, the host system must provide the UCS1003-1
with an accumulated charge maximum limit (in mAh).
The charge rationing functionality works only in the
Active power state. It continuously monitors the current
delivered, as well as the time elapsed since the mode
was activated (or since the data was updated). This
information is compiled to generate a charge rationing
number that is checked against the host limit.
Once the programmed current rationing limit has been
reached, the UCS1003-1 will take action as determined
by the RATION_BEH<1:0> bits, as described in
Table 7-2. Note that this does not cause the device to
enter the Error state.
Once the charge rationing circuitry has reached the
programmed threshold, the UCS1003-1 will maintain
the desired behavior until charge rationing is reset.
Once charge rationing has been reset or disabled, the
UCS1003-1 will recover, as shown in Table 7-3.
TABLE 7-2:
CHARGE RATIONING BEHAVIOR
RATION_BEH<1:0>
Behavior
Actions taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report and
Disconnect
(default)
1.
ALERT# pin asserted.
2.
Charger emulation
profile removed.
3.
Port power switch
disconnected.
The HSW will not be affected.
All bus monitoring is still active.
Changing the M1, M2, EM_EN, S0 and
PWR_EN controls will cause the device to
change power states as defined by the pin com-
binations; however, the port power switch will
remain off until the rationing circuitry is reset.
Furthermore, the bypass switch will not be
turned on if enabled via the S0 control.
10
Disconnect
and
Go to Sleep
1.
Port power switch
disconnected.
2.
Charger emulation
profile removed.
3.
Device will enter the
Sleep state.
The HSW will be disabled.
All VBUS and VS monitoring will be stopped.
Changing the M1, M2, EM_EN, S0 and
PWR_EN controls will have no effect on the
power state until the rationing circuitry is reset.
11
Ignore
Take no further action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com