Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 62 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 62 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 58Page - Microchip Technology UCS1003-2 Datasheet HTML 59Page - Microchip Technology UCS1003-2 Datasheet HTML 60Page - Microchip Technology UCS1003-2 Datasheet HTML 61Page - Microchip Technology UCS1003-2 Datasheet HTML 62Page - Microchip Technology UCS1003-2 Datasheet HTML 63Page - Microchip Technology UCS1003-2 Datasheet HTML 64Page - Microchip Technology UCS1003-2 Datasheet HTML 65Page - Microchip Technology UCS1003-2 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 62
 2014-2015 Microchip Technology Inc.
23h
Legacy Emulation Time-out
Configuration 1
R/W
Controls time-out for Legacy Charger
Emulation Profiles 1–4
B0h
87
24h
Legacy Emulation Time-out
Configuration 2
R/W
Controls time-out for Legacy Charger
Emulation Profiles 5–7
04h
88
25h
High-Speed Switch
Configuration
R/W
Controls when the high-speed switch is
enabled
14h
78
30h
Applied Charger Emulation
R
Indicates which charger emulation
profile is being applied
00h
90
31h
Preloaded Emulation
Stimulus 1 – Configuration 1
R
Indicates the stimulus and timing for
Stimulus 1
00h
91
32h
Preloaded Emulation
Stimulus 1 – Configuration 2
R
Indicates the response and magnitude
for Stimulus 1
00h
92
33h
Preloaded Emulation
Stimulus 1 – Configuration 3
R
Indicates the threshold and
pull-up/pull-down settings for Stimulus 1
00h
94
34h
Preloaded Emulation
Stimulus 1 – Configuration 4
R
Indicates the resistor ratio for Stimulus 1
00h
95
35h
Preloaded Emulation
Stimulus 2 – Configuration 1
R
Indicates the stimulus and timing for
Stimulus 2
00h
96
36h
Preloaded Emulation
Stimulus 2 – Configuration 2
R
Indicates the response and magnitude
for Stimulus 2
00h
97
37h
Preloaded Emulation
Stimulus 2 – Configuration 3
R
Indicates the threshold and
pull-up/pull-down settings for Stimulus 2
00h
99
38h
Preloaded Emulation
Stimulus 2 – Configuration 4
R
Indicates the resistor ratio for Stimulus 2
00h
100
39h
Preloaded Emulation
Stimulus 3 – Configuration 1
R
Indicates the stimulus and timing for
Stimulus 3 (CDP only)
00h
101
3Ah
Preloaded Emulation
Stimulus 3 – Configuration 2
R
Indicates the response and magnitude
for Stimulus 3 (CDP only)
00h
102
3Bh
Preloaded Emulation
Stimulus 3 – Configuration 3
R
Indicates the threshold and
pull-up/pull-down settings for Stimulus 3
(CDP only)
00h
104
40h
Custom Emulation
Configuration
R/W
Controls general configuration of the
custom charger emulation profile
01h
106
41h
Custom Stimulus/Response
Pair 1 – Configuration 1
R/W
Sets the stimulus and timing for
Stimulus 1
00h
107
42h
Custom Stimulus/Response
Pair 1 – Configuration 2
R/W
Sets the response and magnitude for
Stimulus 1
00h
108
43h
Custom Stimulus/Response
Pair 1 – Configuration 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 1
00h
110
44h
Custom Stimulus/Response
Pair 1 – Configuration 4
R/W
Sets the resistor ratio for Stimulus 1
00h
111
45h
Custom Stimulus/Response
Pair 2 – Configuration 1
R/W
Sets the stimulus and timing for
Stimulus 2
00h
112
46h
Custom Stimulus/Response
Pair 2 – Configuration 2
R/W
Sets the response and magnitude for
Stimulus 2
00h
113
47h
Custom Stimulus/Response
Pair 2 – Configuration 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 2
00h
115
48h
Custom Stimulus/Response
Pair 2 – Configuration 4
R/W
Sets the resistor ratio for Stimulus 2
00h
116
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com