Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 32Page - Microchip Technology UCS1003-2 Datasheet HTML 33Page - Microchip Technology UCS1003-2 Datasheet HTML 34Page - Microchip Technology UCS1003-2 Datasheet HTML 35Page - Microchip Technology UCS1003-2 Datasheet HTML 36Page - Microchip Technology UCS1003-2 Datasheet HTML 37Page - Microchip Technology UCS1003-2 Datasheet HTML 38Page - Microchip Technology UCS1003-2 Datasheet HTML 39Page - Microchip Technology UCS1003-2 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 36
 2014-2015 Microchip Technology Inc.
5.1.3
DETECT STATE OPERATION
When the UCS1003-1/2/3 is in the Detect state, the
port power switch will be disabled. The high-speed
switch is also disabled by default. The VBUS output will
be connected to the VDD voltage by a secondary
bypass switch (see Section 8.0 “Detect State”).
There is one non-recommended configuration which
places the UCS1003-1/2/3 in the Detect state, but VBUS
will not be discharged and a portable device
attachment will not be detected. For the recommended
configurations, see Table 5-2.
There are two methods for transitioning from the Detect
state to the Active state: automatic and host-controlled.
5.1.3.1
Automatic Transition
from Detect to Active
For the Detect state, set S0 to ‘1’, enable PWR_EN, set
the EM_EN, M1 and M2 controls to the desired Active
mode (Table 9-1), and supply VS >VS_UVLO. When a
portable device is attached and an Attach Detection
event occurs, the UCS1003-1/2/3 will automatically
transition to the Active state and operate according to
the selected Active mode.
5.1.3.2
Host-Controlled Transition from
Detect to Active
For the Detect state, set S0 to ‘1’, set the EM_EN, M1
and M2 controls to the desired Active mode (Table 9-1),
and configure one of the following:
• Disable PWR_EN and supply VS
OR
• Enable PWR_EN and don’t supply VS; when a
portable device is attached and an Attach
Detection event occurs, the host must respond to
transition to the Active state.
Depending on the control settings in the Detect state,
this could entail:
• Enabling PWR_EN
OR
• Supplying VS above the threshold.
5.1.3.3
State Change from Detect to Active
When conditions cause the UCS1003-1/2/3 to
transition from the Detect state to the Active state, the
following occurs:
1.
The Attach Detection feature will be disabled;
the Removal Detection feature remains enabled
unless S0 is changed to ‘0’.
2.
The bypass switch will be turned off.
3.
The discharge switch will be turned on briefly for
tDISCHARGE.
4.
The port power switch will be turned on.
5.1.4
ACTIVE STATE OPERATION
Every time that the UCS1003-1/2/3 enters the Active
state and the port power switch is closed, it will enter
the mode as instructed by the host controller (see
Section 9.0 “Active State”
). The UCS1003-1/2/3
cannot be in the Active state (and therefore, the port
power switch cannot be turned on) if any of the
following conditions exist:
•VS <VS_UVLO
• PWR_EN is disabled
• M1, M2 and EM_EN are all set to ‘0’
• S0 is set to ‘1’ and an Attach Detection event has
not occurred
5.1.5
ERROR STATE OPERATION
The UCS1003-1/2/3 will enter the Error state from the
Active state when any of the following events are
detected:
• The maximum allowable internal die temperature
(TTSD) has been exceeded (see Section 7.2.1.2
“Thermal Shutdown”
).
• An overcurrent condition has been detected (see
Section 7.1.1 “Current Limit Setting”
).
• An undervoltage condition on VBUS has been
detected (see Section 5.2.5 “Undervoltage
Lockout on VS”).
• A backdrive condition has been detected (see
Section 5.2.3 “Back-Voltage Detection”
).
• A discharge error has been detected (see
Section 7.3 “VBUS Discharge”).
• An overvoltage condition on the VS pins.
The UCS1003-1/2/3 will enter the Error state from the
Detect state when a backdrive condition has been
detected or when the maximum allowable internal die
temperature has been exceeded.
The UCS1003-1/2/3 will enter the Error state from the
Sleep state when a backdrive condition has been
detected.
Note:
If S0 is ‘1’, PWR_EN is enabled and VS is
not present, the A_DET# pin will cycle if
the current draw exceeds the current
capacity of the bypass switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com