Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 74 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 74 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 70Page - Microchip Technology UCS1003-2 Datasheet HTML 71Page - Microchip Technology UCS1003-2 Datasheet HTML 72Page - Microchip Technology UCS1003-2 Datasheet HTML 73Page - Microchip Technology UCS1003-2 Datasheet HTML 74Page - Microchip Technology UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology UCS1003-2 Datasheet HTML 77Page - Microchip Technology UCS1003-2 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 74
 2014-2015 Microchip Technology Inc.
10.4
Configuration Registers
The Configuration registers control basic device
functionality.
10.4.1
GENERAL CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
Name
Bits
Address
Cof
Default
General Configuration
8
15h
R/W
01h
Emulation Configuration
8
16h
R/W
8Ch
Switch Configuration
8
17h
R/W
04h
Attach Detect Configuration
8
18h
R/W
46h
High-Speed Switch Configuration
8
25h
R/W
14h
REGISTER 10-8:
GENERAL CONFIGURATION REGISTER (ADDRESS 15h)
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
ALERT_MASK
—
ALERT_LINK
DSCHG
RTN_EN
RTN_RST
RATION_BEH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ALERT_MASK:
ALERT# Pin Assertion bit
1
= The ALERT# pin will not be asserted in the event of an error condition
0
= The ALERT# pin will be asserted if an error condition or indicator event is detected
bit 6
Unimplemented:
Read as ‘0’
bit 5
ALERT_LINK:
ALERT# Pin LOW_CUR/TREG Link Assertion bit
1
= The ALERT# pin will be asserted if the LOW_CUR or TREG indicator bit is set
0
= The ALERT# pin will not be asserted if the LOW_CUR or TREG indicator bit is set
bit 4
DSCHG:
VBUS Discharge bit
Forces the VBUS to be reset and discharged when the UCS1003-1 is in the Active state. Writing this bit to
a logic ‘1’ will cause the port power switch to be opened and the discharge circuitry to activate to discharge
VBUS. The port power switch will remain open while this bit is ‘1’. This bit is not self-clearing.
bit 3
RTN_EN:
Charge Rationing Enable bit
1
= Charge rationing is enabled (see Section 7.4 “Battery Full (UCS1003-1 Only)”)
0
= Charge rationing is disabled. The Total Accumulated Charge registers will be cleared to 00_00h
and current data will no longer be accumulated. If the Total Accumulated Charge registers have
already reached the Charge Rationing Threshold (see Section 10.6 “Charge Rationing
Threshold Registers”
), the applied response will be removed as if the charge rationing had
been reset. This will also clear the RATION status bit (if set).
bit 2
RTN_RST:
Charge Rationing Reset bit
When this bit is set to ‘1’, the Total Accumulated Charge registers are reset to 00_00h. In addition,
when this bit is set, the RATION status bit will be cleared, and if there are no other errors or active
indicators, the ALERT# pin will be released.
1
=EM_EN is logic ‘1’
0
= EM_EN is logic ‘0’
bit 1-0
RATION_BEH<1:0>:
Power Rationing Threshold Control bit (see Table 7-2)
00
= Report
01
= Report and disconnect
10
= Disconnect and go to Sleep
11
= Ignore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com