Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 100 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 100 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 96Page - Microchip Technology UCS1003-2 Datasheet HTML 97Page - Microchip Technology UCS1003-2 Datasheet HTML 98Page - Microchip Technology UCS1003-2 Datasheet HTML 99Page - Microchip Technology UCS1003-2 Datasheet HTML 100Page - Microchip Technology UCS1003-2 Datasheet HTML 101Page - Microchip Technology UCS1003-2 Datasheet HTML 102Page - Microchip Technology UCS1003-2 Datasheet HTML 103Page - Microchip Technology UCS1003-2 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 100
 2014-2015 Microchip Technology Inc.
REGISTER 10-30: PRELOADED EMULATION STIMULUS 2 CONFIGURATION 3 REGISTER
(ADDRESS 37h)(1)
U-0
U-0
R-0
R-0
R-0
R-0
R-0
R-0
—
—
S2_PUPD<1:0>
S2_TH<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-4
S2_PUPD<1:0>:
Stimulus 2 Pull-Down Current Magnitude bits
Determines the magnitude of the pull-down current applied on the DPOUT and DMOUT pins when the
stimulus response is to apply a voltage and the voltage magnitude is set at pull-down (‘0000b’). The bit
decode is as follows:
00
=10 µA
01
=50 µA
10
=100 µA
11
=150 µA
bit 3-0
S2_TH<3:0>:
Stimulus 2 Threshold Value Definition bits
Defines the threshold value, as shown below, for the specified stimulus. If the stimulus VBUS voltage is
ready to be applied or applied (i.e., STIM2<2:0> = 000b or 111b), the threshold value is ignored.
0000
= 400 mV
0001
= 400 mV
0010
= 400 mV
0011
= 300 mV
0100
= 400 mV
0101
= 500 mV
0110
= 600 mV
0111
= 700 mV
1000
= 800 mV
1001
= 900 mV
1010
= 1400 mV
1011
= 1600 mV
1100
= 1800 mV
1101
= 2000 mV
1110
= 2200 mV
1111
= Do not use
Note 1:
The Legacy charger emulation profiles do not use these settings. Whenever a Legacy charger emulation
profile is applied within the DCE Cycle, these controls will not be updated and should be ignored. These
settings are only used by the BC1.2 CDP and DCP charger emulation profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com