Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 33Page - Microchip Technology UCS1003-2 Datasheet HTML 34Page - Microchip Technology UCS1003-2 Datasheet HTML 35Page - Microchip Technology UCS1003-2 Datasheet HTML 36Page - Microchip Technology UCS1003-2 Datasheet HTML 37Page - Microchip Technology UCS1003-2 Datasheet HTML 38Page - Microchip Technology UCS1003-2 Datasheet HTML 39Page - Microchip Technology UCS1003-2 Datasheet HTML 40Page - Microchip Technology UCS1003-2 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 37
UCS1003-1/2/3
When the UCS1003-1/2/3 enters the Error state, the
port power switch, VBUS bypass switch and the high-
speed switch are turned off, and the ALERT# pin is
asserted (by default). They will remain off while in this
power state. The UCS1003-1/2/3 will leave this state as
determined by the Fault handling selection (see
Section 7.5 “Fault Handling Mechanism”
).
When using the latch Fault handler and the user has re-
activated the device by clearing the ERR bit (for
UCS1003-1 only, see Section 10.3 “Status Registers”)
or toggling the PWR_EN control, the UCS1003-1/2/3 will
check that all of the error conditions have been removed.
If using the auto-recovery Fault handler, after the tCYCLE
time period, the UCS1003-1/2/3 will check that all of the
error conditions have been removed.
If all of the error conditions have been removed, the
UCS1003-1/2/3 will return to the Active state or Detect
state, as applicable. Returning to the Active state will
cause the UCS1003-1/2/3 to restart the selected mode
(see Section 9.2 “Active Mode Selection”).
If the device is in the Error state and a Removal
Detection event occurs, it will check the error
conditions and then return to the power state defined
by the PWR_EN, M1, M2, EM_EN and S0 controls.
5.2
Supply Voltages
5.2.1
VDD SUPPLY VOLTAGE
The UCS1003-1/2/3 family requires 4.5V to 5.5V to be
present on the VDD pin for core device functionality.
Core device functionality consists of maintaining
register states, wake-up upon SMBus/I2C query and
Attach Detection.
5.2.2
VS SOURCE VOLTAGE
VS can be a separate supply and can be greater than
VDD to accommodate high-current applications in
which current path resistances result in unacceptable
voltage drops that may prevent optimal charging of
some portable devices.
5.2.3
BACK-VOLTAGE DETECTION
Whenever the following conditions are true, the port
power switch will be disabled, the VBUS bypass switch
will be disabled, the high-speed data switch will be dis-
abled and a back-voltage event will be flagged. This will
cause the UCS1003-1/2/3 to enter the Error power
state (see Section 5.1.5 “Error State Operation”).
•The VBUS voltage exceeds the VS voltage by
VBV_TH and the port power switch is closed. The
port power switch will be opened immediately. If
the condition lasts for longer than tMASK, then the
UCS1003-1/2/3 will enter the Error state. Other-
wise, the port power switch will be turned on as
soon as the condition is removed.
•The VBUS voltage exceeds the VDD voltage by
VBV_TH and the VBUS bypass switch is closed.
The bypass switch will be opened immediately. If
the condition lasts for longer than tMASK, then the
UCS1003-1/2/3 will enter the Error state. Other-
wise, the bypass switch will be turned on as soon
as the condition is removed.
5.2.4
BACKDRIVE CURRENT
PROTECTION
If a self-powered portable device is attached, it may
drive the VBUS port to its power supply voltage level;
however, the UCS1003-1/2/3 family is designed such
that leakage current from the VBUS pins to the VDD or
VS pins shall not exceed IBD_1 (if the VDD voltage is
zero), or IBD_2 (if the VDD voltage exceeds VDD_TH).
5.2.5
UNDERVOLTAGE LOCKOUT ON VS
The UCS1003-1/2/3 family requires a minimum voltage
(VS_UVLO) be present on the VS pin for the Active power
state.
5.2.6
OVERVOLTAGE DETECTION AND
LOCKOUT ON VS
The UCS1003-1/2/3 port power switch will be disabled
if the voltage on the VS pin exceeds a voltage (VS_OV)
for longer than the specified time (tMASK). This will
cause the device to enter the Error state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com