Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 87 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 87 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 83Page - Microchip Technology UCS1003-2 Datasheet HTML 84Page - Microchip Technology UCS1003-2 Datasheet HTML 85Page - Microchip Technology UCS1003-2 Datasheet HTML 86Page - Microchip Technology UCS1003-2 Datasheet HTML 87Page - Microchip Technology UCS1003-2 Datasheet HTML 88Page - Microchip Technology UCS1003-2 Datasheet HTML 89Page - Microchip Technology UCS1003-2 Datasheet HTML 90Page - Microchip Technology UCS1003-2 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 87
UCS1003-1/2/3
10.11 Preloaded Emulation Time-out
Configuration Registers
The Preloaded Emulation Time-out Configuration reg-
isters control the tEM_TIMEOUT setting that is applied
whenever the indicated preloaded charger emulation
profile is applied during the DCE Cycle. These settings
are not used if the EM_TO_DIS bit is set.
The contents of this registers are retained in Sleep.
Name
Bits Address Cof Default
BCS Emulation Time-out
Configuration
8
22h
R/W
10h
Legacy Emulation Time-out
Configuration 1
8
23h
R/W
B0h
Legacy Emulation Time-out
Configuration 2
8
24h
R/W
04h
Name
Bits Address Cof Default
REGISTER 10-20: BCS EMULATION TIME-OUT CONFIGURATION REGISTER (ADDRESS 22h)
U-0
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCP_EM_TO<1:0>
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-4
DCP_EM_TO<1:0>:
BC1.2 DCP tEM_TIMEOUT Setting Definition bits
These bits are applied when the BC1.2 DCP charger emulation profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
= 6.4s
00
=12.8s
bit 3-0
Reserved:
Do not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com