Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 72 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 72 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 68Page - Microchip Technology UCS1003-2 Datasheet HTML 69Page - Microchip Technology UCS1003-2 Datasheet HTML 70Page - Microchip Technology UCS1003-2 Datasheet HTML 71Page - Microchip Technology UCS1003-2 Datasheet HTML 72Page - Microchip Technology UCS1003-2 Datasheet HTML 73Page - Microchip Technology UCS1003-2 Datasheet HTML 74Page - Microchip Technology UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 72
 2014-2015 Microchip Technology Inc.
bit 2
LG3:
Legacy 3 Charger Emulation Profile Status bit
Indicates that the portable device successfully performed a handshake with the Legacy 3 charger emula-
tion profile and is charging. The high-speed switch will be controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”
). The port power switch Current-Limiting
mode is determined by the Custom Current-Limiting Behavior register settings (see Section 10.14.2
“Custom Current-Limiting Behavior Configuration Register”
).
1
= Handshake successful with the Legacy 3 charger emulation profile and charging
0
= Not charging with Legacy 3 charger emulation profile
bit 1
LG2:
Legacy 2 Charger Emulation Profile Status bit
Indicates that the portable device successfully performed a handshake with the Legacy 2 charger emula-
tion profile and is charging. The high-speed switch will be controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”
). The port power switch Current-Limiting
mode is determined by the Custom Current-Limiting Behavior register settings (see Section 10.14.2
“Custom Current-Limiting Behavior Configuration Register”
).
1
= Handshake successful with the Legacy 2 charger emulation profile and charging
0
= Not charging with Legacy 2 charger emulation profile
bit 0
LG1:
Legacy 1 Charger Emulation Profile Status bit
Indicates that the portable device successfully performed a handshake with the Legacy 1 charger emula-
tion profile and is charging. The high-speed switch will be controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”
). The port power switch Current-Limiting
mode is determined by the Custom Current-Limiting Behavior register settings (see Section 10.14.2
“Custom Current-Limiting Behavior Configuration Register”
).
1
= Handshake successful with the Legacy 1 charger emulation profile and charging
0
= Not charging with Legacy 1 charger emulation profile
REGISTER 10-6:
PROFILE STATUS 2 REGISTER (ADDRESS 13h) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com