Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 90 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 90 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 86Page - Microchip Technology UCS1003-2 Datasheet HTML 87Page - Microchip Technology UCS1003-2 Datasheet HTML 88Page - Microchip Technology UCS1003-2 Datasheet HTML 89Page - Microchip Technology UCS1003-2 Datasheet HTML 90Page - Microchip Technology UCS1003-2 Datasheet HTML 91Page - Microchip Technology UCS1003-2 Datasheet HTML 92Page - Microchip Technology UCS1003-2 Datasheet HTML 93Page - Microchip Technology UCS1003-2 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 90
 2014-2015 Microchip Technology Inc.
10.12 Preloaded Emulation
Configuration Registers
The Preloaded Emulation Configuration registers store
the settings loaded from internal memory as required
for the preloaded charger emulation profile that is
actively being applied. These registers are read-only.
The Legacy charger emulation profiles, the BC1.2 SDP,
and the BC1.2 DCP charger emulation profiles do not
use the Stimulus 3 Configuration registers (39h-3Bh).
Whenever these charger emulation profiles are
applied, registers 39h-3Bh will not be updated and their
contents should be ignored.
Whenever a Legacy charger emulation profile is
applied within the DCE Cycle, these controls will not be
updated and should be ignored. These settings are
only used by the BC1.2 CDP and BC1.2 DCP charger
emulation profiles.
The contents of registers 31h, 35h and 39h are not
retained in Sleep. They are updated as needed.
The contents of registers 32h, 33h, 34h, 36h, 37h, 38h,
3Ah, 3Bh and 40h are retained in Sleep.
Name
Bits Address Cof Default
Applied Charger Emulation
8
30h
R
00h
Preloaded Emulation
Stimulus 1 – Configuration 1
8
31h
R
00h
Preloaded Emulation
Stimulus 1 – Configuration 2
8
32h
R
00h
Preloaded Emulation
Stimulus 1 – Configuration 3
8
33h
R
00h
Preloaded Emulation
Stimulus 1 – Configuration 4
8
34h
R
00h
Preloaded Emulation
Stimulus 2 – Configuration 1
8
35h
R
00h
Preloaded Emulation
Stimulus 2 – Configuration 2
8
36h
R
00h
Preloaded Emulation
Stimulus 2 – Configuration 3
8
37h
R
00h
Preloaded Emulation
Stimulus 2 – Configuration 4
8
38h
R
00h
Preloaded Emulation
Stimulus 3 – Configuration 1
8
39h
R
00h
Preloaded Emulation
Stimulus 3 – Configuration 2
83Ah
R
00h
Preloaded Emulation
Stimulus 3 – Configuration 3
83Bh
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com