Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 63 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 63 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 59Page - Microchip Technology UCS1003-2 Datasheet HTML 60Page - Microchip Technology UCS1003-2 Datasheet HTML 61Page - Microchip Technology UCS1003-2 Datasheet HTML 62Page - Microchip Technology UCS1003-2 Datasheet HTML 63Page - Microchip Technology UCS1003-2 Datasheet HTML 64Page - Microchip Technology UCS1003-2 Datasheet HTML 65Page - Microchip Technology UCS1003-2 Datasheet HTML 66Page - Microchip Technology UCS1003-2 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 63
UCS1003-1/2/3
During Power-on Reset (POR), the default values are
stored in the registers. A POR is initiated when power
is first applied to the part and the voltage on the VDD
supply surpasses the VDD_TH level, as specified in the
electrical characteristics. Any reads to undefined
registers will return 00h. Writes to undefined registers
will not have an effect.
When a bit is “set”, this means that the user writes a
logic ‘1’ to it. When a bit is “cleared”, this means that the
user writes a logic ‘0’ to it.
10.1
Current Measurement Register
(Address 00h)
The Current Measurement register stores the measured
current value delivered to the portable device (IBUS). This
value is updated continuously while the device is in the
Active power state. The bit weights are in mA and the
range is from 0 mA to 2988.6 (the maximum value
corresponds to 255 LSBs, where1 LSB = 11.72 mA).
This data will be cleared when the device enters the
Sleep or Detect states. This data will also be cleared
whenever the port power switch is turned off (including
during emulation or any time that VBUS is discharged).
49h
Custom Emulation
Stimulus 3 – Configuration 1
R/W
Sets the stimulus and timing for
Stimulus 3
00h
117
4Ah
Custom Stimulus/Response
Pair 3 – Configuration 2
R/W
Sets the response and magnitude for
Stimulus 3
00h
118
4Bh
Custom Stimulus/Response
Pair 3 – Configuration 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 3
00h
120
4Ch
Custom Stimulus/Response
Pair 3 – Configuration 4
R/W
Sets the resistor ratio for Stimulus 3
00h
121
50h
Applied Current-Limiting
Behavior
R
Indicates the applied current-limiting
behavior
82h
122
51h
Custom Current-Limiting
Behavior Configuration
R/W
Controls the custom current-limiting
behavior
82h
123
FDh
Product ID
R
Stores a fixed value that identifies each
product
4Eh
123
FEh
Manufacturer ID
R
Stores a fixed value that identifies
Microchip
5Dh
123
FFh
Revision
R
Stores a fixed value that represents the
revision number
82h
123
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
Name
Bits Address Cof Default
Current Measurement
8
00h
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com