Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 1 Page - Microchip Technology

  UCS1003-2 Datasheet HTML 1Page - Microchip Technology UCS1003-2 Datasheet HTML 2Page - Microchip Technology UCS1003-2 Datasheet HTML 3Page - Microchip Technology UCS1003-2 Datasheet HTML 4Page - Microchip Technology UCS1003-2 Datasheet HTML 5Page - Microchip Technology UCS1003-2 Datasheet HTML 6Page - Microchip Technology UCS1003-2 Datasheet HTML 7Page - Microchip Technology UCS1003-2 Datasheet HTML 8Page - Microchip Technology UCS1003-2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 1
UCS1003-1/2/3
Features
• Port Power Switch with Two Current Limit Behaviors:
- 2.9V to 5.5V source voltage range
- Up to 3.0A current (2.85A typical) with 55 m
on resistance
- Overcurrent trip or Constant-Current Limiting
- Soft turn-on circuitry
- Selectable current limit
- UCS1003-1 has programmable current limit via
the SMBus 2.0/I2C protocol
- Dynamic thermal management
- Undervoltage Lockout (UVLO) and Overvoltage
Lockout (OVLO)
- Backdrive, back-voltage protection
- Latch or auto-recovery (low test current) Fault handling
- Selectable active-high or active-low power
switch enable
- BC1.2 VBUS discharge port renegotiation function
• Selectable/Automatic Cycling of Universal Serial Bus
(USB) Data Line Charger Emulation Profiles:
- USB-IF BC1.2 Charging Downstream Port (CDP)
and Dedicated Charging Port (DCP) modes,
Chinese Telecommunications Industry Standard
YD/T 1591-2009 and most Apple® Inc.,
Samsung and RIM® protocols standard
- UCS1003-1 supports other charger emulation
profiles as defined via the SMBus 2.0/I2C protocol
- Supports 12W charging emulation
- USB 2.0 compliant high-speed data switch (in
Data Pass-Through, SDP and CDP modes)
- Nine preloaded charger emulation profiles for
maximum compatibility coverage of the
peripheral devices
- UCS1003-1 has one custom programmable
charger emulation profile for portable device
support for fully host-controlled charger emulation
• Supports Active Cables
• UCS1003-1 Supports Self-Contained Current Monitoring
and Rationing for Power Allocation Applications
• UCS1003-1 and UCS1003-3 have Low-Power
Attach Detection and Open-Drain (A_DET#) Pin
• UCS1003-2 has Charging Active (CHRG#)
Open-Drain Pin
• Ultra Low-Power Sleep State
• Optional Split Supply Support for VS and VDD for
Low Power in System Standby States
• Wake on Attach USB (UCS1003-1 and UCS1003-3)
• UCS1003-1 Supports SMBus 2.0/I2C Communications:
- Supports block write and read
- Multiple SMBus addresses
• Wide Operating Temperature Range: -40°C to +85°C
• IEC61000-4-2 8/15 kV Electrostatic Discharge (ESD)
Immunity
• UL Recognized and EN/IEC 60950-1 (CB) Certified
Description
The UCS1003-1/2/3 family of devices provides a USB
port power switch for precise control of up to 3.0A
continuous current (2.85A typical) with Overcurrent
Limit (OCL), dynamic thermal management, latch or
auto-recovery (low test current) Fault handling, select-
able active-high or active-low enable, Undervoltage
and Overvoltage Lockout, backdrive protection and
back-voltage protection.
Split supply support for VS and VDD is an option for low
power in system standby states. This gives battery-
operated applications (such as on-board computers) the
ability to detect attachments from a Sleep or OFF state.
After the Attach Detection is flagged, the system can
decide to wake-up and/or provide charging.
In addition to Power Switching and Current-Limiting
modes, the UCS1003-1/2/3 will automatically charge a
wide variety of portable devices, including USB-IF
BC1.2, YD/T-1591 (2009), most Apple Inc., Samsung,
RIM and many others. Nine preloaded charger emula-
tion profiles maximize the compatibility coverage of the
peripheral devices. Additionally, a customizable
charger emulation profile is available in UCS1003-1 to
accommodate unique existing and future portable
device handshaking/signature requirements.
The UCS1003-1 also provides current monitoring to
allow intelligent management of system power and
charge rationing for controlled delivery of current, regard-
less of the host power state. This is especially important
for battery-operated applications that want to provide
power and do not want to drain the battery excessively.
The
UCS1003-1/2/3
family
is
available
in
a
4 mm x 4 mm 20-pin QFN package.
Applications
• Notebook and Netbook Computers
• Tablets and E-Book Readers
• Desktops and Monitors
• Docking Stations and Printers
• AC-DC Wall Adapters
USB Port Power Controller with Charger Emulation


Similar Part No. - UCS1003-2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-1-BP-TR MICROCHIP-UCS1001-1-BP-TR Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-2-BP-TR MICROCHIP-UCS1001-2-BP-TR Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
More results

Similar Description - UCS1003-2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
Automotive USB Port Power Controller with Charger Emulation
03/25/14
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com