Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 76 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 76 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 72Page - Microchip Technology UCS1003-2 Datasheet HTML 73Page - Microchip Technology UCS1003-2 Datasheet HTML 74Page - Microchip Technology UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology UCS1003-2 Datasheet HTML 77Page - Microchip Technology UCS1003-2 Datasheet HTML 78Page - Microchip Technology UCS1003-2 Datasheet HTML 79Page - Microchip Technology UCS1003-2 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 76
 2014-2015 Microchip Technology Inc.
bit 2
EM_RESP:
Leave Emulation Response bit(2)
Enables the Dedicated Charger Emulation Cycle mode to hold the DPOUT and DMOUT stimulus response
after the UCS1003-1 has finished emulation using the Legacy, BC1.2 DCP or custom charger emulation
profiles.
1
= If a portable device begins drawing charging current while the UCS1003-1 is applying the BC1.2
DCP, Custom or any of the Legacy charger emulation profiles during the DCE Cycle, the last
response applied will be kept in place until a Removal Detection event occurs, the internal tempera-
ture exceeds the TREG value or emulation is restarted. In the case of the BC1.2 DCP or Legacy 2
charger emulation profiles, this will be the short (RDCP_RES). In the case of the Legacy 1 or
Legacy 3-7 profiles, this will be the DPOUT and DMOUT pin voltages. If a portable device does not
draw charging current, the DCE Cycle will behave normally.
0
= The dedicated emulation circuitry will behave normally. It will remove the short condition when the
tEM_TIMEOUT timer has expired, regardless if the portable device has drawn charging current or not.
bit 1-0
EM_RESET_TIME<1:0>:
tEM_RESET Length Time bit
Determines the length of the tEM_RESET time (see Section 9.8.1 “Emulation Reset”) as shown below.
The value selected does not include discharge time; however, this value plus discharge result in the
actual Reset time.
00
=50 ms
01
=75 ms
10
=125 ms
11
=175 ms
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16h) (CONTINUED)
Note 1:
If the EM_TO_DIS bit is set and the Legacy 1, Legacy 3 or custom charger emulation profiles were
accepted during the DCE cycle, a removal is not detected. To avoid this issue, re-enable the emulation
time-out after applying any test profiles and charging with the ‘final’ profile.
2:
If the HSW_DCE bit is set, the high-speed switch will be closed regardless of the status of the EM_RESP
bit. Leaving the emulation response applied will not allow normal USB traffic. Therefore, prior to setting the
HSW_DCE bit, this bit should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com