Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 28Page - Microchip Technology UCS1003-2 Datasheet HTML 29Page - Microchip Technology UCS1003-2 Datasheet HTML 30Page - Microchip Technology UCS1003-2 Datasheet HTML 31Page - Microchip Technology UCS1003-2 Datasheet HTML 32Page - Microchip Technology UCS1003-2 Datasheet HTML 33Page - Microchip Technology UCS1003-2 Datasheet HTML 34Page - Microchip Technology UCS1003-2 Datasheet HTML 35Page - Microchip Technology UCS1003-2 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 32
 2014-2015 Microchip Technology Inc.
Figure 5-4 shows a system configuration in which the
UCS1003-1/2/3 devices provide a port power switch,
low-power Attach Detection, charger emulation (with
no USB host) and portable device Attachment
Detection signaling. This configuration is useful for
wall adapter-type applications.
FIGURE 5-4:
UCS1003-1/2/3 System Configuration (No SMBus, No USB Host and with
Charger Emulation).
UCS1003-X
LATCH
ALERT#
PWR_EN
3V-5.5V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5V
VBUS1
VBUS2
VS1
VS2
COMM_SEL/ILIM
3V-5.5V
Auto-Recovery
Upon Fault
Latch
Upon
Fault
EM_EN
M1
M2
SEL
A_DET#/CHRG#
5V
CBUS
S0
Disable
Detect
State
Enable
Detect
State
CIN
VDD
15 k
15 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com