Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 83 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 83 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 79Page - Microchip Technology UCS1003-2 Datasheet HTML 80Page - Microchip Technology UCS1003-2 Datasheet HTML 81Page - Microchip Technology UCS1003-2 Datasheet HTML 82Page - Microchip Technology UCS1003-2 Datasheet HTML 83Page - Microchip Technology UCS1003-2 Datasheet HTML 84Page - Microchip Technology UCS1003-2 Datasheet HTML 85Page - Microchip Technology UCS1003-2 Datasheet HTML 86Page - Microchip Technology UCS1003-2 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 83
UCS1003-1/2/3
10.8
IBUS_CHG Configuration Register
The IBUS_CHG Configuration register sets the
IBUS_CHG current value. If current greater than
IBUS_CHG is detected flowing out of VBUS, emulation is
successful. The bit weights are in mA, and the range is
from 11.72 mA to 175.8 mA.
The contents of this register are not retained in Sleep.
Name
Bits Address
Cof
Default
IBUS_CHG
Configuration
81Eh
R/W
04h
REGISTER 10-16: IBUS_CHG CONFIGURATION REGISTER (ADDRESS 1Eh)
U-0
U-0
U-0
U-0
R/W-0
R/W-1
R/W-0
R/W-0
—
—
—
—
ICHG<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-0
ICHG<3:0>P:
IBUS_CHG Current Value bits
1 LSB = 11.72 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com