Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 61 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 61 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 57Page - Microchip Technology UCS1003-2 Datasheet HTML 58Page - Microchip Technology UCS1003-2 Datasheet HTML 59Page - Microchip Technology UCS1003-2 Datasheet HTML 60Page - Microchip Technology UCS1003-2 Datasheet HTML 61Page - Microchip Technology UCS1003-2 Datasheet HTML 62Page - Microchip Technology UCS1003-2 Datasheet HTML 63Page - Microchip Technology UCS1003-2 Datasheet HTML 64Page - Microchip Technology UCS1003-2 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 61
UCS1003-1/2/3
10.0
UCS1003-1 REGISTER
DESCRIPTION
The registers shown in Table 10-1 are accessible
through the SMBus or I2C protocol. While in the Sleep
state, the UCS1003-1 will retain configuration and
charge rationing data as indicated in the text. If a regis-
ter does not indicate that data will be retained in the
Sleep power state, this information will be lost when the
UCS1003-1 enters the Sleep power state.
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
00h
Current Measurement
R
Stores the current measurement
00h
62
01h
Total Accumulated Charge
High Byte
R
Stores the total accumulated charge
delivered high byte
00h
63
02h
Total Accumulated Charge
Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte
00h
63
03h
Total Accumulated Charge
Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte
00h
63
04h
Total Accumulated Charge
Low Byte
R
Stores the total accumulated charge
delivered low byte
00h
63
0Fh
Other Status
R
Indicates emulation status as well as the
ALERT# and A_DET# pin status
00h
64
10h
Interrupt Status
See
Register 10-3
Indicates why ALERT# pin is asserted
00h
65
11h
General Status
R/R-C
Indicates general status
00h
67
12h
Profile Status 1
R
Indicates which charger emulation
profile was accepted
00h
68
13h
Profile Status 2
R
00h
70
14h
Pin Status
R
Indicates the pin states of the internal
control pins
00h
72
15h
General Configuration
R/W
Controls basic functionality
01h
67
16h
Emulation Configuration
R/W
Controls emulation functionality
8Ch
74
17h
Switch Configuration
R/W
Controls advanced switch functions
04h
76
18h
Attach Detect Configuration
R/W
Controls Attach Detect functionality
46h
77
19h
Current Limit
R/W
Controls the maximum current limit
00h
79
1Ah
Charge Rationing Threshold
High Byte
R/W
Controls the current threshold, ITHRESH,
used by the charge rationing circuitry
FFh
80
1Bh
Charge Rationing Threshold
Low Byte
R/W
Controls the current threshold, ITHRESH,
used by the charge rationing circuitry
FFh
80
1Ch
Auto-Recovery Configuration
R/W
Controls the auto-recovery functionality
2Ah
81
1Eh
IBUS_CHG Configuration
R/W
Stores the limit for IBUS_CHG used to
determine if emulation is successful
04h
82
1Fh
tDET_CHARGE Configuration
R/W
Stores bits that define the tDET_CHARGE
time
03h
83
20h
BCS Emulation Enable
R/W
Enables BCS charger emulation profiles
06h
84
21h
Legacy Emulation Enable
R/W
Enables Legacy charger emulation
profiles
00h
85
22h
BCS Emulation Time-out
Configuration
R/W
Controls time-out for each BCS charger
emulation profile
10h
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com