Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 53Page - Microchip Technology UCS1003-2 Datasheet HTML 54Page - Microchip Technology UCS1003-2 Datasheet HTML 55Page - Microchip Technology UCS1003-2 Datasheet HTML 56Page - Microchip Technology UCS1003-2 Datasheet HTML 57Page - Microchip Technology UCS1003-2 Datasheet HTML 58Page - Microchip Technology UCS1003-2 Datasheet HTML 59Page - Microchip Technology UCS1003-2 Datasheet HTML 60Page - Microchip Technology UCS1003-2 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 57
UCS1003-1/2/3
9.10
No Handshake (UCS1003-1 only)
In DCE Cycle mode with emulation retry disabled, a
“no handshake” condition is flagged. The NO_HS
status bit stays set when the end of the DCE Cycle is
reached without a handshake and without drawing
current (see Register 10-5).
All signatures/handshaking placed on the DPOUT and
DMOUT pins are removed. The UCS1003-1 will operate
with the high-speed switch opened or closed, as deter-
mined by the high-speed switch configuration, and will
use Trip or Constant-Current Limiting as determined by
the IBUS_R2MIN setting (CS_R2_IMIN<2:0> bits, Custom
Current-Limiting Behavior Configuration<4:2>).
The portable devices that can cause this are generally
the ones that pull up DPOUT to some voltage and leave
it there or apply the wrong voltage.
9.11
Preloaded Charger Emulation
Profiles in UCS1003-1
The following charger emulation profiles are resident to
the UCS1003-1:
• BC1.2 DCP Charger Emulation Profile within DCE
Cycle
• Legacy 2 Charger Emulation Profile
• Legacy 1, 3, 4 and 6 Charger Emulation Profiles
• Legacy 5 Charger Emulation Profile
• Legacy 7 Charger Emulation Profile
• BC1.2 CDP Charger Emulation Profile
• BC1.2 DCP Charger Emulation Profile
9.11.1
BC1.2 DCP CHARGER EMULATION
PROFILE WITHIN DCE CYCLE
When the BC1.2 DCP charger emulation profile (see
Section 9.7.1 “BC1.2 DCP Charger Emulation Pro-
file”
) is applied within the DCE Cycle (dedicated charger
emulation cycle is selected as the Active mode), the
behavior after the profile is applied differentiates from the
Active mode BC1.2 DCP (BC1.2 DCP in Table 9-1)
because the tEM_TIMEOUT timer is enabled (by default)
during the DCE Cycle.
During the DCE Cycle, after the DCP charger
emulation profile is applied, the UCS1003-1 will
perform one of the following:
1.
If the portable device is drawing more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1003-1 will flag that a BC1.2
DCP was detected. The UCS1003-1 will leave in
place the resistive short, leave the high-speed
switch open and then enable Constant-Current
Limiting (variable slope).
2.
If the portable device does not draw more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1003-1 will stop applying the
DCP charger emulation profile and proceed to the
next charger emulation profile in the DCE Cycle.
9.11.2
LEGACY 2 CHARGER
EMULATION PROFILE
The Legacy 2 charger emulation profile does the
following:
1.
The UCS1003-1 will connect a resistor
(RDCP_RES) between DPOUT and DMOUT.
2.
VBUS is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires
(enabled by default), the UCS1003-1 will accept
that this is the correct charger emulation profile
for the attached portable device and charging
commences. The resistive short between the
DPOUT and DMOUT pins will be left in place.
4.
If the portable device does not draw more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1003-1 will stop the Legacy 2
charger emulation. This will cause the resistive
short between the DPOUT and DMOUT pins to be
removed. Emulation Reset occurs and UCS1003-1
will initiate the next charger emulation profile.
9.11.3
LEGACY 1, 3, 4 AND 6 CHARGER
EMULATION PROFILES
Legacy 1, 3, 4 and 6 charger emulation profiles follow
the same pattern of operation, although the voltage that
is applied on the DPOUT and DMOUT pins will vary. They
do the following:
1.
The UCS1003-1 will apply a voltage on the DPOUT
pin using either a current-limited voltage source or
a voltage divider between VBUS and ground, with
the center tap on the DPOUT pin.
2.
The UCS1003-1 will apply a possibly different
voltage on the DMOUT pin, using either a current-
limited voltage source or a voltage divider
between VBUS and ground, with the center tap
on the DMOUT pin.
3.
VBUS voltage is applied.
4.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1003-1 will accept that the currently applied
profile is the correct charger emulation profile for
the attached portable device; charging com-
mences. The voltages applied to the DPOUT and
DMOUT pins will remain in place (unless
EM_RESP is set to ‘0b’). The UCS1003-1 will
begin operating in Trip mode or CC mode, as
determined by the IBUS_R2MIN setting (see
Section 10.14
“Current-Limiting
Behavior
Configuration Registers”
).
5.
If the portable device does not draw more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1003-1 will stop the currently
applied charger emulation profile. This will cause
all voltages put onto the DPOUT and DMOUT pins to
be removed. Emulation Reset occurs, and the
UCS1003-1 will initiate the next charger emulation
profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com