Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 91 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 91 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 87Page - Microchip Technology UCS1003-2 Datasheet HTML 88Page - Microchip Technology UCS1003-2 Datasheet HTML 89Page - Microchip Technology UCS1003-2 Datasheet HTML 90Page - Microchip Technology UCS1003-2 Datasheet HTML 91Page - Microchip Technology UCS1003-2 Datasheet HTML 92Page - Microchip Technology UCS1003-2 Datasheet HTML 93Page - Microchip Technology UCS1003-2 Datasheet HTML 94Page - Microchip Technology UCS1003-2 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 91
UCS1003-1/2/3
10.12.1
APPLIED CHARGER EMULATION
REGISTER
The contents of this register are not retained in Sleep.
The contents are updated as the charger emulation
profile being applied changes.
REGISTER 10-23: APPLIED CHARGER EMULATION REGISTER (ADDRESS 30h)
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
—
—
—
—
PRE_EM_SEL<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-0
PRE_EM_SEL<3:0>:
Active Charger Emulation Profile Selection bits
Indicates which of the charger emulation profiles is being actively applied, as shown below.
0000
= Data Pass-Through or BC1.2 SDP mode
0001
= BC1.2 CDP
0010
= BC1.2 DCP
0011
= Legacy 1
0100
= Legacy 2
0101
= Legacy 3
0110
= Legacy 4
0111
= Legacy 5
1000
= Legacy 6
1001
= Legacy 7
1010
= Custom profile
All others = Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com