Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 82 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 82 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 78Page - Microchip Technology UCS1003-2 Datasheet HTML 79Page - Microchip Technology UCS1003-2 Datasheet HTML 80Page - Microchip Technology UCS1003-2 Datasheet HTML 81Page - Microchip Technology UCS1003-2 Datasheet HTML 82Page - Microchip Technology UCS1003-2 Datasheet HTML 83Page - Microchip Technology UCS1003-2 Datasheet HTML 84Page - Microchip Technology UCS1003-2 Datasheet HTML 85Page - Microchip Technology UCS1003-2 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 82
 2014-2015 Microchip Technology Inc.
10.7
Auto-Recovery Configuration
Register
The contents of this register are retained in Sleep.
The Auto-Recovery Configuration register sets the
parameters used when the auto-recovery Fault
handling algorithm is invoked (see Section 7.5.1
“Auto-Recovery Fault Handling”
).
Once the auto-recovery Fault handling algorithm has
checked the overtemperature and backdrive condi-
tions, it will set the ILIM value to ITEST, and then turn on
the port power switch and start the tRST timer. If, after
the timer has expired, the VBUS voltage is less than
VTEST, then it is assumed that a short-circuit condition
is present and the Error state is reset.
Name
Bits Address Cof Default
Auto-Recovery Configuration 8
1Ch
R/W
2Ah
REGISTER 10-15: AUTO-RECOVERY CONFIGURATION REGISTER (ADDRESS 1Ch)
U-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
—
TCYCLE<2:0>
TRST_SW<1:0>
VTST_SW<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
TCYCLE<2:0>:
Delay Cycle Time bits
Defines the delay (tCYCLE) after the Error state is entered before the auto-recovery Fault handling
algorithm is started, as shown below.
000
= 15 ms
001
= 20 ms
010
= 25 ms
011
= 30 ms
101
= 40 ms
110
= 45 ms
111
= 50 ms
bit 3-2
TRST_SW<1:0>:
tRST Setting Time bits
00
= 10 ms
01
= 15 ms
10
= 20 ms
11
= 25 ms
bit 1-0
VTST_SW<1:0>:
VTEST Value Setting bits
00
= 250 mV
01
= 500 mV
10
= 750 mV
11
= 1000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com