Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-2 Datasheet(PDF) 77 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 77 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 73Page - Microchip Technology UCS1003-2 Datasheet HTML 74Page - Microchip Technology UCS1003-2 Datasheet HTML 75Page - Microchip Technology UCS1003-2 Datasheet HTML 76Page - Microchip Technology UCS1003-2 Datasheet HTML 77Page - Microchip Technology UCS1003-2 Datasheet HTML 78Page - Microchip Technology UCS1003-2 Datasheet HTML 79Page - Microchip Technology UCS1003-2 Datasheet HTML 80Page - Microchip Technology UCS1003-2 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 77
UCS1003-1/2/3
10.4.3
SWITCH CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
REGISTER 10-10: SWITCH CONFIGURATION REGISTER (ADDRESS 17h)
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
PIN_IGN
—
EM_EN_SET
M2_SET
M1_SET
S0_SET
PWR_ENS
LATCHS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PIN_IGN:
Pin Ignore Selection Mode Determination bit
Ignores the M1, M2, PWR_EN and EM_EN pin states when determining the Active mode selection and
power state.
1
= The Active mode selection and power state will be set by the individual control bits and not by the
M1, M2, PWR_EN and EM_EN pin states; these pin states are ignored.
0
= The Active mode selection and power state will be set by the OR’d combination of the M1, M2,
PWR_EN and EM_EN pin states and the corresponding bit states.
bit 6
Unimplemented:
Read as ‘0’
bit 5
EM_EN_SET:
EM_EN Pin Selection Mode Determination bit
In conjunction with other controls, determines the Active mode that is selected (see Section 9.2 “Active
Mode Selection”
) and power state (see Table 5-2). This bit is OR’d with the EM_EN pin.
bit 4
M2_SET:
M2 Pin Selection Mode Determination bit
In conjunction with other controls, determines the Active mode that is selected (see Section 9.2 “Active
Mode Selection”
) and power state (see Table 5-2). This bit is OR’d with the M2 pin.
bit 3
M1_SET:
M1 Pin Selection Mode Determination bit
In conjunction with other controls, determines the Active mode that is selected (see Section 9.2 “Active
Mode Selection”
) and power state (see Table 5-2). This bit is OR’d with the M1 pin.
bit 2
S0_SET:
SMBus Mode Attach/Removal Detection bit
In SMBus mode, enables the Attach and Removal Detection feature and affects the power state (see
Section 9.2 “Active Mode Selection”
).
1
= Detection is enabled; also see Table 5-2
0
= Detection is not enabled; also see Table 5-2
bit 1
PWR_ENS:
Port Power Switch State bit
Controls whether the port power switch may be turned on or not and affects the power state (see
Section 5.3.4 “PWR_EN Input”
). This bit is OR’d with the PWR_EN pin and the polarity of both are
controlled by SEL pin decode. Thus, if the polarity is set to active-high, either the PWR_EN pin or this
bit must be ‘1’ to enable the port power switch.
bit 0
LATCHS:
SMBus Mode Fault Handling Routine Control bit
In SMBus mode, controls the Fault handling routine that is used in the case that an error is detected (see
Section 5.3.5 “Latch Input”
).
1
= The UCS1003-1 will latch its error conditions; in order for the device to return to normal Active state,
the ERR bit must be cleared by the user
0
= The UCS1003-1 will automatically retry when an error condition is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com